Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 212 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 212 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 216Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
212
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R125 (7Dh)
DRC Control
3
15:11
DRC_AMP_CO
MP [4:0]
0_0000
Compressor amplitude at threshold YT (dB)
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
10:8
DRC_R0_SLO
PE_COMP
[2:0]
000
Compressor slope R0
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
110 = Reserved
111 = Reserved
7
DRC_FF_DEL
AY
1
Feed-forward delay for anti-clip feature
0 = 5 samples
1 = 9 samples
Time delay can be calculated as 5/fs or 9/ fs, where fs
is the sample rate.
3:2
DRC_THRESH
_QR [1:0]
00
Quick release crest factor threshold
00 = 12dB
01 = 18dB (default)
10 = 24dB
11 = 30dB
1:0
DRC_RATE_Q
R [1:0]
00
Quick release decay rate (seconds/6dB)
00 = 0.725ms (default)
01 = 1.45ms
10 = 5.8ms
11 = Reserved
Register 7Dh DRC Control 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R126 (7Eh)
DRC Control
4
15:13
DRC_R1_SLO
PE_COMP
[2:0]
000
Compressor slope R1
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 0
101 = Reserved
11X = Reserved
12:8
DRC_STARTU
P_GAIN [4:0]
0_0000
Initial gain at DRC startup
00000 = -18dB
00001 = -15dB
00010 = -12dB
00011 = -9dB
00100 = -6dB
00101 = -3dB
00110 = 0dB (default)
00111 = 3dB
01000 = 6dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com