Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 209 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 209 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 213Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
209
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R116 (74h)
EQ19
15:0
EQ_B4_B
[15:0]
1111_1000
_0010_100
1
EQ Band 4 Coefficient B
Register 74h EQ19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R117 (75h)
EQ20
15:0
EQ_B4_C
[15:0]
0000_0111
_1010_110
1
EQ Band 4 Coefficient C
Register 75h EQ20
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R118 (76h)
EQ21
15:0
EQ_B4_PG
[15:0]
0001_0001
_0000_001
1
EQ Band 4 Coefficient PG
Register 76h EQ21
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R119 (77h)
EQ22
15:0
EQ_B5_A
[15:0]
0000_0101
_0110_010
0
EQ Band 5 Coefficient A
Register 77h EQ22
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R120 (78h)
EQ23
15:0
EQ_B5_B
[15:0]
0000_0101
_0101_100
1
EQ Band 5 Coefficient B
Register 78h EQ23
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R121 (79h)
EQ24
15:0
EQ_B5_PG
[15:0]
0100_0000
_0000_000
0
EQ Band 5 Coefficient PG
Register 79h EQ24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com