Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 208 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 208 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 212Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
208
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R109 (6Dh)
EQ12
15:0
EQ_B2_C
[15:0]
0000_1011
_0111_010
1
EQ Band 2 Coefficient C
Register 6Dh EQ12
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R110 (6Eh)
EQ13
15:0
EQ_B2_PG
[15:0]
0000_0001
_1100_010
1
EQ Band 2 Coefficient PG
Register 6Eh EQ13
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R111 (6Fh)
EQ14
15:0
EQ_B3_A
[15:0]
0001_1100
_0101_100
0
EQ Band 3 Coefficient A
Register 6Fh EQ14
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R112 (70h)
EQ15
15:0
EQ_B3_B
[15:0]
1111_0011
_0111_001
1
EQ Band 3 Coefficient B
Register 70h EQ15
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R113 (71h)
EQ16
15:0
EQ_B3_C
[15:0]
0000_1010
_0101_010
0
EQ Band 3 Coefficient C
Register 71h EQ16
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R114 (72h)
EQ17
15:0
EQ_B3_PG
[15:0]
0000_0101
_0101_100
0
EQ Band 3 Coefficient PG
Register 72h EQ17
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R115 (73h)
EQ18
15:0
EQ_B4_A
[15:0]
0001_0110
_1000_111
0
EQ Band 4 Coefficient A
Register 73h EQ18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com