Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 204 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 204 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 208Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
204
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R87 (57h)
DC Servo 3
15:8
DCS_DAC_W
R_VAL_1 [7:0]
0000_0000 DC Offset value for HPOUT1Rin DAC Write DC Servo
mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
7:0
DCS_DAC_W
R_VAL_0 [7:0]
0000_0000 DC Offset value for HPOUT1Lin DAC Write DC Servo
mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Register 57h DC Servo 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R88 (58h)
DC Servo
Readback 0
9:8
DCS_CAL_CO
MPLETE [1:0]
00
DC Servo Complete status
0 = DAC Write or Start-Up DC Servo mode not
completed.
1 = DAC Write or Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
5:4
DCS_DAC_W
R_COMPLETE
[1:0]
00
DC Servo DAC Write status
0 = DAC Write DC Servo mode not completed.
1 = DAC Write DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
1:0
DCS_STARTU
P_COMPLETE
[1:0]
00
DC Servo Start-Up status
0 = Start-Up DC Servo mode not completed.
1 = Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
Register 58h DC Servo Readback 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R89 (59h)
DC Servo
Readback 1
7:0
DCS_INTEG_C
HAN_1 [7:0]
0000_0000 Readback value for HPOUT1R.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Register 59h DC Servo Readback 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R90 (5Ah)
DC Servo
Readback 2
7:0
DCS_INTEG_C
HAN_0 [7:0]
0000_0000 Readback value for HPOUT1L.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Register 5Ah DC Servo Readback 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com