Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 207 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 207 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 211Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
207
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R103 (67h)
EQ6
4:0
EQ_B5_GAIN
[4:0]
0_1100
EQ Band 5 Gain
00000 = -12dB
00001 = -11dB
…
10111 = +11dB
11000 = +12dB
11001 to 11111 Reserved
Register 67h EQ6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R104 (68h)
EQ7
15:0
EQ_B1_A
[15:0]
0000_1111
_1100_101
0
EQ Band 1 Coefficient A
Register 68h EQ7
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R105 (69h)
EQ8
15:0
EQ_B1_B
[15:0]
0000_0100
_0000_000
0
EQ Band 1 Coefficient B
Register 69h EQ8
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R106 (6Ah)
EQ9
15:0
EQ_B1_PG
[15:0]
0000_0000
_1101_100
0
EQ Band 1 Coefficient PG
Register 6Ah EQ9
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R107 (6Bh)
EQ10
15:0
EQ_B2_A
[15:0]
0001_1110
_1011_010
1
EQ Band 2 Coefficient A
Register 6Bh EQ10
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R108 (6Ch)
EQ11
15:0
EQ_B2_B
[15:0]
1111_0001
_0100_010
1
EQ Band 2 Coefficient B
Register 6Ch EQ11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com