Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 199 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 199 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 203Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
199
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R64 (40h)
FLL Control
5
12:7
FLL_FRC_NC
O_VAL [5:0]
00_0000
Forces the oscillator value
Valid range is 000000 to 111111
0x19h (011001) = 12MHz approx
(Note that this field is required for free-running FLL
modes only)
6
FLL_FRC_NC
O
0
FLL control select
0 = controlled by digital loop (default)
1 = controlled by FLL_FRC_NCO_VAL
(Note that this field is required for free-running FLL
modes only)
4:3
FLL_CLK_REF
_DIV [1:0]
00
FLL Clock Reference Divider
00 = MCLK / 1
01 = MCLK / 2
10 = MCLK / 4
11 = MCLK / 8
MCLK (or other input reference) must be divided down
to <=13.5MHz.
For lower power operation, the reference clock can be
divided down further if desired.
1:0
FLL_CLK_SRC
[1:0]
10
FLL Clock source
00 = MCLK
01 = LRCLK
10 = BCLK
11 = Reserved
Register 40h FLL Control 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (41h)
Clocking 3
13:10
CLK_DCS_DIV
[3:0]
1000
DC Servo Clock Divider
0000 = CLK_SYS
0001 = CLK_SYS / 1.5
0010 = CLK_SYS / 2
0011 = CLK_SYS / 2.5
0100 = CLK_SYS / 3
0101 = CLK_SYS / 4
0110 = CLK_SYS / 5.5
0111 = CLK_SYS / 6
1000 = CLK_SYS / 8
Note - this field is ignored and invalid in Automatic
Clocking Configuration mode.
9:7
SAMPLE_RAT
E [2:0]
101
Selects the Sample Rate (fs)
000 = 8kHz
001 = 11.025kHz, 12kHz
010 = 16kHz
011 = 22.05kHz, 24kHz
100 = 32kHz
101 = 44.1kHz, 48kHz
4:1
CLK_SYS_RA
TE [3:0]
0011
Selects the CLK_SYS / fs ratio
0000 = 64
0001 = 128
0010 = 192
0011 = 256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com