Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 2Page - Cirrus Logic CS47024 Datasheet HTML 3Page - Cirrus Logic CS47024 Datasheet HTML 4Page - Cirrus Logic CS47024 Datasheet HTML 5Page - Cirrus Logic CS47024 Datasheet HTML 6Page - Cirrus Logic CS47024 Datasheet HTML 7Page - Cirrus Logic CS47024 Datasheet HTML 8Page - Cirrus Logic CS47024 Datasheet HTML 9Page - Cirrus Logic CS47024 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
DS787PP9
6
3 Code Overlays
Table 3-1. CS470xx Device Selection Guide
Table 3-2. CS470xx Channel Count
1. Contact your Cirrus Logic representative to determine the TDM modes that are supported. The CS470xx can support up to 8 channels per line, but
the DSP software provided for the IC can restrict this capability.
Features
CS47048-CQZ
CS47048-DQZ
CS47028-CQZ
CS47028-DQZ
CS47024-CQZ
CS47024-DQZ
Primary Applications
• 4-In/8-Out Car Audio
• High-end Digital TV
• Dual Source/Dual Zone
• 2-In/8-Out Car Audio
• Sound Bar
•DVD Receiver
• 2-In/4-Out Car Audio
• Digital TV
• Portable Audio Docking Station
• Portable DVD
• DVD Mini / Receiver
• Multimedia PC Speakers
Package
100-pin LQFP with Exposed Pad
DSP Core
Cirrus Logic 32-bit Core
SRAM
32K x 32-bit SRAM with three 2K blocks x 32-bit SRAM, assignable to either Y data or program memory
Integrated DAC and ADC • 2 Channels of ADC input: with inte-
grated 5:1 analog mux
• 2 additional channels of ADC in-
put: without mux
• 8 channels of DAC output
• 2 channels of ADC input: with inte-
grated 5:1 analog mux
• 8 channels of DAC output
• 2 channels of ADC input: with inte-
grated 5:1 analog mux
• 4 channels of DAC output
Configurable Serial Audio
Inputs/Outputs
• Integrated 192 kHz S/PDIF Rx, 2 Integrated 192 kHz S/PDIF Tx
• I2S support for 32-bit Samples @ 192 kHz
• TDM Input modes (Up to 8 channels)
• TDM Output modes (Up to 8 channels)
Supports Different Fs
Sample Rates
• Integrated hardware SRC blocks for all ADC and DAC channels
• Additional 8-channel hardware SRC block
• Dual-domain Fs on inputs (I2S and S/PDIF Rx)
• Output can be master or slave
Other Features
• Integrated Clock Manager/PLL with flexibility to operate from internal PLL, external crystal, external oscillator
• Host Control and Boot via SPI/I²C Serial Interface
• DSP Tool Set w/ Private Keys Protect Customer IP
• Configurable GPIOs and External Interrupts
• Hardware Watchdog Timer
Product
PCM/TDM In1
TDM Out1
PCM
Out
ADC with 5:1
Input Mux
ADC with-
out Mux
DAC
Out
S/PDIF In
(Stereo
Pairs)
S/PDIF
Out (Ste-
reo Pairs)
CS47048 • Up to 5 I2S lines, 2 channels per
line or
• 1 TDM line, up to 8 channels per
line.
Up to 8 chan-
nels
82
2
8
1
2
CS47028 • Up to 5 I2S lines, 2 channels per
line or
• 1 TDM line, up to 8 channels per
line.
Up to 8 chan-
nels
82
0
8
1
2
CS47024 • Up to 5 I2S lines, 2 channels per
line or
• 1 TDM line, up to 8 channels per
line.
Up to 8 chan-
nels
82
0
4
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com