Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 13Page - Cirrus Logic CS47024 Datasheet HTML 14Page - Cirrus Logic CS47024 Datasheet HTML 15Page - Cirrus Logic CS47024 Datasheet HTML 16Page - Cirrus Logic CS47024 Datasheet HTML 17Page - Cirrus Logic CS47024 Datasheet HTML 18Page - Cirrus Logic CS47024 Datasheet HTML 19Page - Cirrus Logic CS47024 Datasheet HTML 20Page - Cirrus Logic CS47024 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
DS787PP9
5.11 Digital Switching Characteristics–Serial Control Port I2C Slave Mode
Figure 5-5. Serial Control Port–SPI Master Mode Timing
5.11 Digital Switching Characteristics–Serial Control Port I2C Slave Mode
1. fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the communication
port can be limited by the firmware application. Flow control using the SCP_BSY pin should be implemented to prevent overflow of the input data
buffer.
I2C Slave Address = 0x82
Parameter
Symbol Min
Typical
Max
Units
SCP_CLK frequency1
fiicck
——
400
kHz
SCP_CLK rise time
tiicr
——
150
ns
SCP_CLK fall time
tiicf
——
150
ns
SCP_CLK low time
tiicckl
1.25
—
—
µs
SCP_CLK high time
tiicckh
1.25
—
—
µs
SCP_CLK rising to SCP_SDA rising or falling for START or STOP condition tiicckcmd 1.25
—
—
µs
START condition to SCP_CLK falling
tiicstscl 1.25
—
—
µs
SCP_CLK falling to STOP condition
tiicstp
2.5
—
—
µs
Bus free time between STOP and START conditions
tiicbft
3—
—
µs
Setup time SCP_SDA input valid to SCP_CLK rising
tiicsu
110
—
—
ns
Hold time SCP_SDA input after SCP_CLK falling
tiich
100
—
—
ns
SCP_CLK low to SCP_SDA out valid
tiicdov
——
18
ns
SCP_CLK falling to SCP_IRQ rising
tiicirqh
—
—
3*DCLKP+40
ns
NAK condition to SCP_IRQ low
tiicirql
—3*DCLKP+20
—
ns
SCP_CLK rising to SCB_BSY low
tiicbsyl
—3*DCLKP+20
—
ns
EE_CS
SCP_CLK
SCP_MISO
SCP_MOSI
0
126
70
56
7
tspicss
tspickl
tspickh
tspidsu
tspidh
tspidov
A6
A5
A0
R/W
MSB
LSB
MSB
LSB
tspicsh
tspicsx
fspisck
tspidz
tspicsl
1/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com