Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 24Page - Cirrus Logic CS47024 Datasheet HTML 25Page - Cirrus Logic CS47024 Datasheet HTML 26Page - Cirrus Logic CS47024 Datasheet HTML 27Page - Cirrus Logic CS47024 Datasheet HTML 28Page - Cirrus Logic CS47024 Datasheet HTML 29Page - Cirrus Logic CS47024 Datasheet HTML 30Page - Cirrus Logic CS47024 Datasheet HTML 31Page - Cirrus Logic CS47024 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
DS787PP9
8.3 CS47024, 100-pin LQFP Pinout Diagram
8.3 CS47024, 100-pin LQFP Pinout Diagram
Figure 8-3. CS47024 Pinout Diagram
VDD1
GND2
VDDIO1
GNDIO1
VDD2
GND1
GPIO1, DAI_DATA2, TM2
GPIO2, DAI_DATA3, TM3, SPDIF RX
GPIO16, DAI_DATA0, TM0
GPIO0, DAI_DATA1, TM1
10
15
20
25
GPIO5, DAO_DATA3, HS3, S/PDIF TXa
GPIO3, DAO_DATA1, HS1
GPIO6, DAO_DATA0, HS0
GPIO7, DAO_LRCLK
GPIO15, DAI_LRCLK
GPIO18, DAO_MCLK, HS4
GPIO17, DAI_SCLK
GPIO14, DAO_SCLK
GPIO4, DAO_DATA2, HS2, S/PDIF TXb
VDDIO2
GNDIO2
DBDA
DBCK
CS47024
100-Pin LQFP
(Thermal Pad Package )
5
1
GPIO10, SCP_MISO, SCP_SDA
GPIO9, SCP_MOSI
70
65
60
55
51
75
NC
AIN_5A-
VQ
BIASREF_DAC
AIN_5A+
VDDA3
NC
NC
GNDA3
NC
AIN_4A-
AIN_3A-
AIN_3A+
BIASREF_ADC
VDD_ADC_MON
AIN_2A-
REXT
VDDA2
AIN_4A+
AIN_2A+
GNDA2
GND_DAC
VDD_DAC
AIN_6A-
AIN_6A+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com