Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 12Page - Cirrus Logic CS47024 Datasheet HTML 13Page - Cirrus Logic CS47024 Datasheet HTML 14Page - Cirrus Logic CS47024 Datasheet HTML 15Page - Cirrus Logic CS47024 Datasheet HTML 16Page - Cirrus Logic CS47024 Datasheet HTML 17Page - Cirrus Logic CS47024 Datasheet HTML 18Page - Cirrus Logic CS47024 Datasheet HTML 19Page - Cirrus Logic CS47024 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
DS787PP9
16
5.10 Digital Switching Characteristics–Serial Control Port–SPI Master
Figure 5-4. Serial Control Port–SPI Slave Mode Timing
5.10 Digital Switching Characteristics–Serial Control Port–SPI Master Mode
1. fspisck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the communication
port can be limited by the firmware application.
2. See Section 5.7.
3. SCP_CLK PERIOD refers to the period of SCP_CLK as being used in a given application. It does not refer to a tested parameter.
Parameter
Symbol Min
Typical
Max
Units
SCP_CLK frequency1,2
fspisck
——
Fxtal/2
MHz
EE_CS falling to SCP_CLK rising3
tspicss
—
11*DCLKP+(SCP_CLK PERIOD)/2
—
ns
SCP_CLK low time
tspickl
18
—
—
ns
SCP_CLK high time
tspickh
18
—
—
ns
Setup time SCP_MISO input
tspidsu
9—
—
ns
Hold time SCP_MISO input
tspidh
5—
—
ns
SCP_CLK low to SCP_MOSI output valid
tspidov
——
8
ns
SCP_CLK low to EE_CS falling
tspicsl
7—
—
ns
SCP_CLK low to EE_CS rising
tspicsh
—
11*DCLKP+(SCP_CLK PERIOD)/2
—
ns
Bus free time between active EE_CS
tspicsx
—
3*DCLKP
—
ns
SCP_CLK falling to SCP_MOSI output high-Z
tspidz
—
—
20
ns
SCP_BSY
SCP_CS
SCP_CLK
SCP_MOSI
SCP_MISO
SCP_IRQ
0
126
70
56
7
tspicss
tspickl
tspickh
tspidsu
tspidh
tspidov
A6
A5
A0
R/W
MSB
LSB
MSB
LSB
tspicsh
tspibsyl
tspiirql
tspiirqh
fspisck
tspicsdz
1/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com