Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 24Page - Cirrus Logic CS47024 Datasheet HTML 25Page - Cirrus Logic CS47024 Datasheet HTML 26Page - Cirrus Logic CS47024 Datasheet HTML 27Page - Cirrus Logic CS47024 Datasheet HTML 28Page - Cirrus Logic CS47024 Datasheet HTML 29Page - Cirrus Logic CS47024 Datasheet HTML 30Page - Cirrus Logic CS47024 Datasheet HTML 31Page - Cirrus Logic CS47024 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
DS787PP9
32
11 Revision History
11 Revision History
Revision
Date
Changes
PP1
August, 2009
Updated Characterization data in Section 5.4, Section 5.7, Section 5.9, Section 5.11, Section 5.12,
Section 5.16.1, Section 5.16.2, Section 5.16.3, Section 5.17.1, and Section 5.17.2. Modified Footnote 3 in
both Section 5.16.1 and Section 5.16.2. Added Footnote 5 to Section 5.14. Updated Section 2.1. Modified
Section 4.3.6 and Section 4.3.8. Modified references to TDM in various sections of the data sheet.
PP2
January, 2010
Updated TDM Feature description on page 1. Modified note at the bottom of the feature list on page 1.
Updated table in Section 5.8, specifying performance data for 2- and 4-layer boards. Updated Table 3-1 and
Table 3-2 Updated block diagrams in Fig. 4-1, Fig. 4-2, and Fig. 4-3.
PP3
June, 2010
Table 3-1: Straddled all three columns in the “Supports Different Fs Sample Rates” row to indicate that
CS47024 devices have the same features as the CS47048 and CS47028.
Added “The CS47024 has the 8-channel SRC block” to Section 4.3.7.
Added text in the following places to indicate that the CS47024 implements the S/PDIF Rx functionality:
• Removed dagger from the S/PDIF Rx bullet on p. 1.
• Updated bullet in “Configurable Serial Audio Inputs/Outputs” row in Table 2 Integrated 192 kHz S/PDIF
Rx, 2 Integrated 192 kHz S/PDIF Tx.
• Changed entry in “S/PDIF In (Stereo Pairs)” column in Table 3-2.
• Updated I2S block in Table 3-2.
• Removed text “On the CS47048 and CS47028...” from Section 4.3.4.
• Removed “(Not available on CS47024)” from the heading to Section 5.15.
• Described additional support for TDM 8-channel output mode on CS47024.
• Removed dagger from the TDM I/O bullet on p. 1.
• Straddled “Configurable Serial Audio Inputs/Outputs” row in Table 3-1.
• Changed cell in “TDM Out” column in Table 3-2.
• Removed text “On the CS47048 and CS47028...” from Section 4.3.5.
PP4
February, 2011
Added “Decoder” information to Section 3. Changed the name of the core to “Cirrus Logic 32-bit core”.
PP5
February, 2011
Added “SPDIF RX” to Fig. 5-17.
PP6
June, 2011
In Section 4.3.1 and Section 4.3.7, removed mention of 192 kHz sampling frequency. Updated temperature
operating conditions in Section 5.2. Updated pin 33 to XTAL_OUT, TEST in Fig. 8-1, Fig. 8-2, and Fig. 8-3.
PP7
April, 2012
Corrected peak reflow temperature in Table 7-1.
PP8
June, 2012
Added number of bits to Integrated DAC and ADC Functionality on the cover page.
PP9
July, 2012
Updated frequencies in Section 5.2. Added extended automotive grade information to Section 6 and
Section 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com