Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 20Page - Cirrus Logic CS47024 Datasheet HTML 21Page - Cirrus Logic CS47024 Datasheet HTML 22Page - Cirrus Logic CS47024 Datasheet HTML 23Page - Cirrus Logic CS47024 Datasheet HTML 24Page - Cirrus Logic CS47024 Datasheet HTML 25Page - Cirrus Logic CS47024 Datasheet HTML 26Page - Cirrus Logic CS47024 Datasheet HTML 27Page - Cirrus Logic CS47024 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
DS787PP9
24
5.17 DAC Characteristics
5.17.2
Analog Output Characteristics (Automotive)
Test Conditions (unless otherwise specified): TA = –40 to +85C; VDD = 1.8V±5%, VDDA(VA) = 3.3V±5%; 1 kHz sine
wave driven through a filter shown in Fig. 5-15 or Fig. 5-16; DSP running test application; Measurement Bandwidth is
20 Hz–20 kHz.
1. Guaranteed by design. The DC current draw represents the allowed current draw from the AOUT pin due to typical leakage through the electrolytic
DC-blocking capacitors.
2. Guaranteed by design. RL and CL reflect the recommended minimum resistance and maximum capacitance required for the internal op-amp’s
stability and signal integrity. In this circuit topology, CL represents any capacitive loading that appears before the 560  series resistor (typically
parasitic), and effectively moves the dominant pole of the two-pole amp in the output stage. Increasing this value beyond the recommended 100 pF
can cause the internal op-amp to become unstable.
Figure 5-15. DAC Single-ended Output Test Circuit
Analog Input
Full-scale Output
1.20 1.40
•VA 1.60 0.60 0.70•VA 0.80
VPP
Interchannel Gain Mismatch
—
0.1
—
—
0.1
—
dB
Gain Drift
—
±120
—
—
±120
— ppm/°C
Output Impedance
—
100
—
—
100
—
DC Current Draw from an AOUT Pin1 ——10
——10
A
AC-load Resistance (RL)2
3—
—
3
—
—
k
Load Capacitance (CL)2
—
—
100
—
—
100
pF
Differential
Single-ended
Parameter
Min
Typ
Max Min
Typ
Max
Unit
Fs = 96 kHz
Dynamic Range
A-weighted
Unweighted
100
97
108
105
—
—
97
94
105
102
—
—
dB
dB
Total Harmonic Distortion + Noise
0 dB
–20 dB
–60 dB
—
—
—
–98
–88
–48
–90
—
—
—
—
—
–95
–85
–45
–87
—
—
dB
dB
dB
Interchannel Isolation (1 kHz)
—
95
—
—
95
—
dB
Analog Input
Full-scale Output
1.20 1.40
•VA 1.60 0.60 0.70•VA 0.80
VPP
Interchannel Gain Mismatch
—
0.1
—
—
0.1
—
dB
Gain Drift
—
±120
—
—
±120
— ppm/°C
Output Impedance
—
100
—
—
100
—
DC Current Draw from an AOUT Pin1 ——10
——10
A
AC-load Resistance (RL)2
3—
—
3
—
—
k
Load Capacitance (CL)2
—
—
100
—
—
100
pF
Differential
Single-ended
Parameter
Min
Typ
Max Min
Typ
Max
Unit
AOUT_x+
3.3 µF
CL
RL
AOUT
2200 pF
560
10 k
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com