Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 18Page - Cirrus Logic CS47024 Datasheet HTML 19Page - Cirrus Logic CS47024 Datasheet HTML 20Page - Cirrus Logic CS47024 Datasheet HTML 21Page - Cirrus Logic CS47024 Datasheet HTML 22Page - Cirrus Logic CS47024 Datasheet HTML 23Page - Cirrus Logic CS47024 Datasheet HTML 24Page - Cirrus Logic CS47024 Datasheet HTML 25Page - Cirrus Logic CS47024 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
DS787PP9
22
5.16 ADC Characteristics
5.16.2
Analog Input Characteristics (Automotive)
Test Conditions (unless otherwise specified): TA = –40–85°C; VDD = 1.8V±5%, VDDA (VA) = 3.3V±5%; kHz sine wave
driven through the passive input filter (Ri = 10 k) in Fig. 5-13 or Fig. 5-14; DSP running test application; Measurement
Bandwidth is 10 Hz–20 kHz.
1. dB units referred to the typical full-scale voltage.
2. These full-scale values were measured with Ri=10k for both the single-ended and differential mode input circuits.
3. The full-scale voltage can be changed by scaling Ri.
Differential Full-Scale (Vpp) = 3.7*VDDA*(Ri+200)/(10k+200)
Single-Ended Full-Scale (Vpp) = 1.85*VDDA*(Ri+200)/(10k+200)
4. Measured between AIN_xx+ and AN_xx–.
5. Measured between AIN_xx+ and AGND.
6. Decreasing full-scale voltage by reducing Ri causes the noise floor to increase.
7. Common mode input current should be kept to less than ±160uA to avoid performance degradation: |(Iip+Iin)/2| < 160uA. This corresponds to ±1.6V
for Ri=10 kin the differential case.
8. This number was measured using perfectly matched external resistors (Ri). Mismatch in the external resistors typically reduces CMRR by 20 log
(|
R
i|/Ri + 0.001).
9. CL represents the parasitic load capacitance between Ri on the input circuit and the input pin of the CS47048 package.
10. This measurement is not applicable to the CS47028 and CS47024 devices.
Figure 5-13. ADC Single-ended Input Test Circuit
Differential
Single-ended
Parameter
Min
Typ
Max Min
Typ
Max
Unit
Fs = 96 kHz
Dynamic Range1,6,7
A-weighted
Unweighted
40 kHz bandwidth unweighted
97
94
—
105
102
99
—
—
—
94
91
—
102
99
96
—
—
—
dB
dB
dB
Total Harmonic Distortion + Noise6,7
–1 dB
–20 dB
–60 dB
40 kHz bandwidth –1 dB
—
—
—
—
–98
–82
–42
–90
–90
—
—
—
—
—
—
—
–95
–79
–39
–90
–87
—
—
—
dB
dB
dB
dB
AIN_1A/B Interchannel Isolation10
—95
—
—
95
—
dB
AID_[2.6]A/B MUX Interchannel Isolation
—
95
—
—
95
—
dB
DC Accuracy
Interchannel Gain Mismatch
—
0.1
—
—
0.1
—
dB
Gain Drift
—
±120
—
—
±120
— ppm/°C
Analog Input
Full-scale Input Voltage2,3
3.3 3.7
•VA 3.9 1.65 1.85•VA 1.95
VPP
Differential Input Impedance4
—
400
—
—
—
—
Single-ended Input Impedance5
—
—
—
—
200
—
Common Mode Rejection Ratio (CMRR)8 —60
—
—
—
—
dB
Parasitic Load Capacitance (CL)9
—
—
20
—
—
20
pF
10µF
CL
Ri
AIN
100K
AIN_xA+
AIN_xB+
or
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com