Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 3Page - Cirrus Logic CS47024 Datasheet HTML 4Page - Cirrus Logic CS47024 Datasheet HTML 5Page - Cirrus Logic CS47024 Datasheet HTML 6Page - Cirrus Logic CS47024 Datasheet HTML 7Page - Cirrus Logic CS47024 Datasheet HTML 8Page - Cirrus Logic CS47024 Datasheet HTML 9Page - Cirrus Logic CS47024 Datasheet HTML 10Page - Cirrus Logic CS47024 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
DS787PP9
4 Hardware Functional Description
4 Hardware Functional Description
The CS470xx family, which includes the CS47048, CS47028, and CS47024 DSPs, is a true system-on-a-chip that
combines a powerful 32-bit DSP engine with analog/digital audio inputs and analog/digital audio outputs. It can be
integrated into a complex multi-DSP processing system, or stand alone in an audio product that requires analog-in and
analog-out. A top level block diagram for the CS47048, CS47028, and CS47024 products are shown in Fig. 4-1, Fig. 4-2,
and Fig. 4-3 respectively.
Figure 4-1. CS47048 Top-level Block Diagram
x8
x4
x2
x2
DAC0
text
32-bit Core
in the CS47048 DSP
DMA
SPI / I2C
Control
I2S
ADC0/1
I2S
I2S / S/PDIF
PLL
ROM
S
R
C
2
Clock
Manager
Timers
RAM
GPIO
DAC1
DAC2
DAC3
DAC4
DAC5
DAC6
DAC7
S
R
C
1
ROM
RAM
ROM
RAM
P
Y
32K x 32-bit SRAM with three 2K blocks
Assignable to Program or Y Data memory
I2S /
S/PDIF
Stereo Inputs
On Analog in
ADC2/3
DBC
(I
2C Slave)
PIC
ADC’s & DAC’s operate
in Single ended or
Differential mode
S
R
C
3
8ch
8ch
SRC3 has 8
independent Channels
for In or Out
4ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com