Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 24Page - Cirrus Logic CS47024 Datasheet HTML 25Page - Cirrus Logic CS47024 Datasheet HTML 26Page - Cirrus Logic CS47024 Datasheet HTML 27Page - Cirrus Logic CS47024 Datasheet HTML 28Page - Cirrus Logic CS47024 Datasheet HTML 29Page - Cirrus Logic CS47024 Datasheet HTML 30Page - Cirrus Logic CS47024 Datasheet HTML 31Page - Cirrus Logic CS47024 Datasheet HTML 32Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
31
DS787PP9
10 Parameter Definitions
10 Parameter Definitions
10.1 Dynamic Range
The ratio of the RMS value of the signal to the RMS sum of all other spectral components over the specified bandwidth.
Dynamic Range is a signal-to-noise ratio measurement over the specified bandwidth made with a -60 dBFS signal. 60 dB
is added to resulting measurement to refer the measurement to full-scale. This technique ensures that the distortion
components are below the noise level and do not affect the measurement. This measurement technique has been
accepted by the Audio Engineering Society, AES17-1991, and the Electronic Industries Association of Japan, EIAJ
CP-307. Expressed in decibels.
10.2 Total Harmonic Distortion + Noise
The ratio of the RMS value of the signal to the RMS sum of all other spectral components over the specified bandwidth
(typically 10 Hz–20 kHz), including distortion components. Expressed in decibels. Measured at –1 and –20 dBFS as
suggested in AES17-1991 Annex A.
10.3 Frequency Response
A measure of the amplitude response variation from 10 Hz–20 kHz relative to the amplitude response at 1 kHz. Units in
decibels.
10.4 Interchannel Isolation
A measure of crosstalk between the left and right channels. Measured for each channel at the converter’s output with no
signal to the input under test and a full-scale signal applied to the other channel. Units in decibels.
10.5 Interchannel Gain Mismatch
The gain difference between left and right channels. Units in decibels.
10.6 Gain Error
The deviation from the nominal full-scale analog output for a full-scale digital input.
10.7 Gain Drift
The change in gain value with temperature. Units in ppm/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com