Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 21Page - Cirrus Logic CS47024 Datasheet HTML 22Page - Cirrus Logic CS47024 Datasheet HTML 23Page - Cirrus Logic CS47024 Datasheet HTML 24Page - Cirrus Logic CS47024 Datasheet HTML 25Page - Cirrus Logic CS47024 Datasheet HTML 26Page - Cirrus Logic CS47024 Datasheet HTML 27Page - Cirrus Logic CS47024 Datasheet HTML 28Page - Cirrus Logic CS47024 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
DS787PP9
5.17 DAC Characteristics
Figure 5-16. DAC Differential Output Test Circuit
Figure 5-17. Maximum Loading
5.17.3
Combined DAC Interpolation and On-chip Analog Filter Response
Parameter
Min
Typ
Max
Unit
Passband (Frequency Response)
to 0.22 dB corner
to –3 dB corner
0
0
—
—
0.4125
0.4979
Fs
Fs
Frequency Response 10 Hz–20 kHz –0.02
—
+0.02
dB
StopBand
0.5465
—
—
Fs
StopBand Attenuation
100
—
—
dB
Group Delay
—
10/Fs
—
s
N output: RL = 4.87k + ( [2
F*1800pF]-1 || ((2.43k + [2F*470pF]-1 ) || 4.87k ))
AOUT
AOUT_x+
AOUT_x-
1.96 k
CL
4700 pF
1200 pF
22 µF
+
953
4.87 k
2.43 k
-
+
560
1800 pF
470 pF
4.87 k
22 µF
P output: RL = 1.96k + ( [2
F*4700pF]-1 || (1.96k + [2F*22µF- ]-1 ) || (953 + [2F*1200pF ]-1 ))
CL
10 k
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R (k
)
L
125
3
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com