Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 15Page - Cirrus Logic CS47024 Datasheet HTML 16Page - Cirrus Logic CS47024 Datasheet HTML 17Page - Cirrus Logic CS47024 Datasheet HTML 18Page - Cirrus Logic CS47024 Datasheet HTML 19Page - Cirrus Logic CS47024 Datasheet HTML 20Page - Cirrus Logic CS47024 Datasheet HTML 21Page - Cirrus Logic CS47024 Datasheet HTML 22Page - Cirrus Logic CS47024 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
DS787PP9
5.13 Digital Switching Characteristics–Digital Audio Slave Input Port
5.13 Digital Switching Characteristics–Digital Audio Slave Input Port
Figure 5-8. Digital Audio Input (DAI) Port Timing Diagram
5.14 Digital Switching Characteristics–Digital Audio Output Port
1. Master mode timing specifications are characterized, not production tested.
2. Master mode is defined as the CS47048 driving both DAO_SCLK, DAO_LRCLK. When MCLK is an input, it is divided to produce DAO_SCLK, DAO_
LRCLK.
3. The DAO_LRCLK transition can occur on either side of the edge of DAO_SCLK. The active edge of DAO_SCLK is the point at which the data is
valid.
4. Slave mode is defined as DAO_SCLK, DAO_LRCLK driven by an external source.
Figure 5-9. DAO_LRCLK Transition before DAO_SCLK Inactive Edge
Parameter
Symbol Min Max Unit
DAI_SCLK period
Tdaiclkp
20
—
ns
DAI_SCLK duty cycle
—
45
55
%
Setup time DAI_DATAn
tdaidsu
8—
ns
Hold time DAI_DATAn
tdaidh
5—
ns
Parameter
Symbol Min Max Unit
DAO_MCLK period
Tdaomclk
20
—
ns
DAO_MCLK duty cycle
—
45
55
%
DAO_SCLK period for Master or Slave mode1
Tdaosclk
20
—
ns
DAO_SCLK duty cycle for Master or Slave mode1
—40
60
%
Master Mode (Output A1 Mode)1,2
DAO_SCLK delay from DAO_MCLK rising edge, DAO MCLK as an input tdaomsck
—19ns
DAO_LRCLK to DAO_SCLK inactive edge3. See Fig. 5-9.tdaomlrts
—8
ns
DAO_SCLK inactive edge3 to DAO_LRCLK. See Fig. 5-10.tdaomstlr
—8
ns
DAO_DATA[3:0] delay from DAO_SCLK inactive edge3
tdaomdy
—8
ns
Slave Mode (Output A0 Mode)4
DAO_SCLK active edge to DAO_LRCLK transition. See Fig. 5-11.tdaosstlr
10
—
ns
DAO_LRCLK transition to DAO_SCLK active edge. See Fig. 5-12.tdaoslrts
10
—
ns
DAO_Dx delay from DAO_SCLK inactive edge
tdaosdv
—11ns
DAI_SCLK
DAI_DATAn
tdaidh
tdaidsu
DAO_MCLK
DAO_SCLK
DAO_LRCLK
DAO_DATAn
tdaomsck
tdaomlrts
tdaomdv
tdaomclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com