Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 14Page - Cirrus Logic CS47024 Datasheet HTML 15Page - Cirrus Logic CS47024 Datasheet HTML 16Page - Cirrus Logic CS47024 Datasheet HTML 17Page - Cirrus Logic CS47024 Datasheet HTML 18Page - Cirrus Logic CS47024 Datasheet HTML 19Page - Cirrus Logic CS47024 Datasheet HTML 20Page - Cirrus Logic CS47024 Datasheet HTML 21Page - Cirrus Logic CS47024 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
DS787PP9
18
5.12 Digital Switching Characteristics–Serial Control Port–I2C Master
Figure 5-6. Serial Control Port–I2C Slave Mode Timing
5.12 Digital Switching Characteristics–Serial Control Port–I2C Master Mode
1. fiicck indicates the maximum speed of the hardware. The system designer should be aware that the actual maximum speed of the communication
port can be limited by the firmware application.
Figure 5-7. Serial Control Port–I2C Master Mode Timing
Parameter
Symbol Min Max Units
SCP_CLK frequency1
fiicck
—400
kHz
SCP_CLK rise time
tiicr
—
150
ns
SCP_CLK fall time
tiicf
—
150
ns
SCP_CLK low time
tiicckl
1.25 —
µs
SCP_CLK high time
tiicckh
1.25 —
µs
SCP_CLK rising to SCP_SDA rising or falling for START or STOP condition tiicckcmd 1.25 —
µs
START condition to SCP_CLK falling
tiicstscl 1.25 —
µs
SCP_CLK falling to STOP condition
tiicstp
2.5
—
µs
Bus free time between STOP and START conditions
tiicbft
3—
µs
Setup time SCP_SDA input valid to SCP_CLK rising
tiicsu
110
—
ns
Hold time SCP_SDA input after SCP_CLK falling
tiich
100
—
ns
SCP_CLK low to SCP_SDA out valid
tiicdov
—36
ns
SCP_BSY
SCP_CLK
SCP_SDA
SCP_IRQ
0
1
6780
1
7
tiicckl
tiicckh
tiicsu
tiich
A6
A0
R/W
ACK
LSB
tiicirqh
tiicirql
8
ACK
MSB
tiicstp
6
tiiccbsyl
tiicdov
tiicbft
tiicstscl
tiicckcmd
fiicck
tiicckcmd
tiicf
tiicr
Start Condition
1/
Stop Condition
SCP_CLK
SCP_SDA
0
1
6780
1
7
tiicckl
tiicckh
tiicsu
tiich
A6
A0
R/W
ACK
LSB
8
ACK
MSB
tiicstp
6
tiicdov
tiicbft
tiicstscl
tiicckcmd
fiicck
tiicckcmd
tiicf
tiicr
1/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com