Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 19Page - Cirrus Logic CS47024 Datasheet HTML 20Page - Cirrus Logic CS47024 Datasheet HTML 21Page - Cirrus Logic CS47024 Datasheet HTML 22Page - Cirrus Logic CS47024 Datasheet HTML 23Page - Cirrus Logic CS47024 Datasheet HTML 24Page - Cirrus Logic CS47024 Datasheet HTML 25Page - Cirrus Logic CS47024 Datasheet HTML 26Page - Cirrus Logic CS47024 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
23
DS787PP9
5.17 DAC Characteristics
Figure 5-14. ADC Differential Input Test Circuit
5.16.3
ADC Digital Filter Characteristics
1. Filter response is guaranteed by design.
2. Response is clock-dependent and scales with Fs.
5.17 DAC Characteristics
5.17.1
Analog Output Characteristics (Commercial)
Test Conditions (unless otherwise specified): TA = 0–+70°C; VDD = 1.8V±5%, VDDA(VA) = 3.3V±5%; 1 kHz sine wave
driven through a filter shown in Fig. 5-15 or Fig. 5-16; DSP running test application; Measurement Bandwidth is 20 Hz–20
kHz.
Parameter1,2
Min
Typ
Max
Unit
Fs = 96 kHz
Passband (Frequency Response) to –0.1 dB corner
0
—
0.4896 Fs
Passband Ripple
—
—
0.08
dB
Stopband
0.5688
—
—
Fs
Stopband Attenuation
70
—
—
dB
Total Group Delay
—
12/Fs
—
s
High-pass Filter Characteristics
Frequency Response:
–3.0 dB
–0.13 dB
—
—
1
20
—
—
Hz
Hz
Phase Deviation @ 20 Hz
—
10
—
Deg
Passband Ripple
—
—
0
dB
Filter Settling Time
—
105/Fs
0
s
Differential
Single-ended
Parameter
Min
Typ
Max Min
Typ
Max
Unit
Fs = 96 kHz
Dynamic Range
A-weighted
Unweighted
102
99
108
105
—
—
99
96
105
102
—
—
dB
dB
Total Harmonic Distortion + Noise
0 dB
–20 dB
–60 dB
—
—
—
–98
–88
–48
–90
—
—
—
—
—
–95
–85
–45
–87
—
—
dB
dB
dB
Interchannel Isolation (1 kHz)
—
95
—
—
95
—
dB
10µF
CL
Ri
AIN+
100K
10µF
CL
Ri
AIN-
100K
AIN_xA-
AIN_xB-
or
AIN_xA+
AIN_xB+
or
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com