Electronic Components Datasheet Search
  English  ▼

X  

CS47024 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS47024
Description  CS470xx Data Sheet
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47024 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS47024 Datasheet HTML 10Page - Cirrus Logic CS47024 Datasheet HTML 11Page - Cirrus Logic CS47024 Datasheet HTML 12Page - Cirrus Logic CS47024 Datasheet HTML 13Page - Cirrus Logic CS47024 Datasheet HTML 14Page - Cirrus Logic CS47024 Datasheet HTML 15Page - Cirrus Logic CS47024 Datasheet HTML 16Page - Cirrus Logic CS47024 Datasheet HTML 17Page - Cirrus Logic CS47024 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
DS787PP9
14
5.7 Digital Switching Characteristics–XTI
Figure 5-1. RESET Timing at Power-on
Figure 5-2. RESET Timing after Power is Stable
5.7 Digital Switching Characteristics–XTI
1. Part characterized with the following crystal frequency values: 12.288 and 24.576 MHz.
2. CL refers to the total load capacitance as specified by the crystal manufacturer. Crystals that require a CL outside this range should be avoided. The
crystal oscillator circuit design should follow the crystal manufacturer’s recommendation for load capacitor selection.
Figure 5-3. XTI Timing
Parameter
Symbol
Min
Max
Unit
External Crystal operating frequency1
Fxtal
12.288 24.576 MHz
XTI period
Tclki
41
81
ns
XTI high time
Tclkih
13.3
—
ns
XTI low time
Tclkil
13.3
—
ns
External Crystal Load Capacitance (parallel resonant)2
CL
10
18
pF
External Crystal Equivalent Series Resistance
ESR
—
50
Trstl
Trstsu Trsthld
HS[3:0]
All supplies at
recommended
operating values.
VDD
1
1 Refers to all power supplies.
RESET
RESET
Trst2z
Trstl
Trstsu Trsthld
HS[3:0]
All Bidirectional
Pins
t clkih
t clkil
Tclki
XTI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com