Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 135 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 135 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 131Page - National Semiconductor (TI) PC87391 Datasheet HTML 132Page - National Semiconductor (TI) PC87391 Datasheet HTML 133Page - National Semiconductor (TI) PC87391 Datasheet HTML 134Page - National Semiconductor (TI) PC87391 Datasheet HTML 135Page - National Semiconductor (TI) PC87391 Datasheet HTML 136Page - National Semiconductor (TI) PC87391 Datasheet HTML 137Page - National Semiconductor (TI) PC87391 Datasheet HTML 138Page - National Semiconductor (TI) PC87391 Datasheet HTML 139Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 148 page
background image
135
www.national.com
9.0
Device Characteristics
9.1
GENERAL DC ELECTRICAL CHARACTERISTICS
9.1.1
Recommended Operating Conditions
9.1.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground.
9.1.3
Capacitance
TA = 25°C, f = 1 MHz
9.1.4
Power Consumption under Recommended Operating Conditions
9.2
DC CHARACTERISTICS OF PINS, BY I/O BUFFER TYPES
The following tables summarize the DC characteristics of all device pins described in the
Signal/Pin Connection and De-
scription chapter. The characteristics describe the general I/O buffer types defined in Table 1. For exceptions, refer to Sec-
tion 9.2.9. The DC characteristics of the system interface meet the PCI2.1 3.3V DC signaling.
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
3.0
3.3
3.6
V
TA
Operating Temperature
0
+70
°C
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply Voltage
−0.5
+6.5
V
VI
Input Voltage
−0.5
VDD + 0.5
V
VO
Output Voltage
−0.5
VDD + 0.5
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1W
TL
Lead Temperature Soldering (10 s)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω1
1. Value based on test complying with RAI-5-048-RA human body model ESD testing.
2000
V
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Input Pin Capacitance
57
pF
CIN1
Clock Input Capacitance
5
8
12
pF
CIO
I/O Pin Capacitance
10
12
pF
CO
Output Pin Capacitance
68
pF
Symbol
Parameter
Conditions
Typ
Max
Unit
ICC
VDD Average Main Supply Current
VIL = 0.5 V, VIH = 2.4 V
No Load
32
50
mA
ICCLP
VDD Quiescent Main Supply Current
in Low Power Mode
VIL =VSS,VIH =VDD
No Load
1.3
1.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com