Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 136 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 136 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 132Page - National Semiconductor (TI) PC87391 Datasheet HTML 133Page - National Semiconductor (TI) PC87391 Datasheet HTML 134Page - National Semiconductor (TI) PC87391 Datasheet HTML 135Page - National Semiconductor (TI) PC87391 Datasheet HTML 136Page - National Semiconductor (TI) PC87391 Datasheet HTML 137Page - National Semiconductor (TI) PC87391 Datasheet HTML 138Page - National Semiconductor (TI) PC87391 Datasheet HTML 139Page - National Semiconductor (TI) PC87391 Datasheet HTML 140Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 148 page
background image
9.0 Device Characteristics (Continued)
136
www.national.com
9.2.1
Input, CMOS Compatible
Symbol: INC
9.2.2
Input, PCI 3.3V
Symbol: INPCI
9.2.3
Input, Strap Pin
Symbol: INSTRP
9.2.4
Input, TTL Compatible
Symbol: INT
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.7 VDD
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.5
1
0.3 VDD
V
IIL
Input Leakage Current
VIN =VDD
50
nA
VIN =VSS
−50
nA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.5VDD
VDD + 0.5
V
VIL
Input Low Voltage
-0.5
0.3VDD
V
lIL
1
1. Input leakage currents include hi-Z output leakage for all bidirectional buffers with TRI-STATE outputs.
Input Leakage Current
0<Vin <VDD
±10
µA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.6VDD
1
1. Not tested. Guaranteed by design.
5.51
V
VIL
Input Low Voltage
-0.51
0.5VDD
1
V
RIH
Input High Resistance
During Reset: VIN =0.6VDD
16.5
K
Ω
RIL
Input Low Resistance
During Reset: VIN =0.4VDD
20
K
Ω
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
2.0
5.51
1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.51
0.8
V
IIL
Input Leakage Current
VIN =VDD
10
µA
VIN =VSS
−10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com