Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 140 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 140 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 136Page - National Semiconductor (TI) PC87391 Datasheet HTML 137Page - National Semiconductor (TI) PC87391 Datasheet HTML 138Page - National Semiconductor (TI) PC87391 Datasheet HTML 139Page - National Semiconductor (TI) PC87391 Datasheet HTML 140Page - National Semiconductor (TI) PC87391 Datasheet HTML 141Page - National Semiconductor (TI) PC87391 Datasheet HTML 142Page - National Semiconductor (TI) PC87391 Datasheet HTML 143Page - National Semiconductor (TI) PC87391 Datasheet HTML 144Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 148 page
background image
9.0 Device Characteristics (Continued)
140
www.national.com
9.4.3
LCLK and LRESET
Symbol
Parameter
Min
Max
Units
tCYC
1
1. The PCI may have any clock frequency between nominal DC and 33
MHz. Device operational parameters at frequencies under 16 MHz
may be guaranteed by design rather than by testing. The clock fre-
quency may be changed at any time during the operation of the sys-
tem as long as the clock edges remain “clean” (monotonic) and the
minimum cycle and high and low times are not violated. The clock
may only be stopped in a low state.
LCLK Cycle Time
30
ns
tHIGH
LCLK High Time
11
ns
tLOW
LCLK Low Time
11
ns
-
LCLK Slew Rate2
2. Rise and fall times are specified in terms of the edge rate measured in
V/ns. This slew rate must be met across the minimum peak-to-peak
portion of the clock wavering as shown below.
1
4
V/ns
-
LRESET Slew Rate3
3. The minimum LRESET slew rate applies only to the rising (de-assertion)
edge of the reset signal, and ensures that system noise cannot ren-
der an otherwise a monotonic signal to appear to bounce in the
switching range.
50
mV/ns
0.6 VDD
0.2 VDD
0.5 VDD
0.4 VDD
0.3 VDD
0.4 VDD p-to-p
(minimum)
tHIGH
tLOW
3.3 V Clock
tCYC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com