Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 139Page - National Semiconductor (TI) PC87391 Datasheet HTML 140Page - National Semiconductor (TI) PC87391 Datasheet HTML 141Page - National Semiconductor (TI) PC87391 Datasheet HTML 142Page - National Semiconductor (TI) PC87391 Datasheet HTML 143Page - National Semiconductor (TI) PC87391 Datasheet HTML 144Page - National Semiconductor (TI) PC87391 Datasheet HTML 145Page - National Semiconductor (TI) PC87391 Datasheet HTML 146Page - National Semiconductor (TI) PC87391 Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 148 page
background image
9.0 Device Characteristics (Continued)
143
www.national.com
9.4.6
Modem Control Timing
9.4.7
FDC Write Data Timing
tDRP tICP tWDW Values
Symbol
Parameter
Min
Max
Unit
tL
RI2,1 Low Time
10
ns
tH
RI2,1 High Time
10
ns
tSIM
Delay to Set IRQ from Modem Input
40
ns
Symbol
Parameter
Min
Max
Unit
tHDH
HDSEL Hold from WGATE Inactive1
1. Not tested. Guaranteed by design.
100
µs
tHDS
HDSEL Setup to WGATE Active1
100
µs
tWDW
Write Data Pulse Width
See tDRP,tICP and tWDW values in table below
Data Rate
tDRP
tICP
tICP Nominal
tWDW
tWDW Minimum
Unit
1 Mbps
1000
6xtCP
1
1. tCP is the clock period defined in the Clock Timing section of this chapter.
125
2 x tICP
250
ns
500 Kbps
2000
6xtCP
1
125
2 x tICP
250
ns
300 Kbps
3333
10 x tCP
1
208
2 x tICP
375
ns
250 Kbps
4000
12 x tCP
1
250
2 x tICP
500
ns
CTS, DSR, DCD
INTERRUPT
(Read MSR)
RI
tSIM
tSIM
tSIM
tH
tL
(Read MSR)
tHDS
tHDH
tWDW
HDSEL
WGATE
WDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com