Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 140Page - National Semiconductor (TI) PC87391 Datasheet HTML 141Page - National Semiconductor (TI) PC87391 Datasheet HTML 142Page - National Semiconductor (TI) PC87391 Datasheet HTML 143Page - National Semiconductor (TI) PC87391 Datasheet HTML 144Page - National Semiconductor (TI) PC87391 Datasheet HTML 145Page - National Semiconductor (TI) PC87391 Datasheet HTML 146Page - National Semiconductor (TI) PC87391 Datasheet HTML 147Page - National Semiconductor (TI) PC87391 Datasheet HTML 148Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 146 / 148 page
background image
9.0 Device Characteristics (Continued)
146
www.national.com
9.4.12
Extended Capabilities Port (ECP) Timing
Forward Mode
Reverse Mode
Symbol
Parameter
Min
Max
Unit
tECDSF
Data Setup before STB Active
0ns
tECDHF
Data Hold after BUSY Inactive
0ns
tECLHF
BUSY Active after STB Active
75
ns
tECHHF
STB Inactive after BUSY Active
01
s
tECHLF
BUSY Inactive after STB Active
035
ms
tECLLF
STB Active after BUSY Inactive
0ns
Symbol
Parameter
Min
Max
Unit
tECDSR
Data Setup before ACK Active
0ns
tECDHR
Data Hold after AFD Active
0ns
tECLHR
AFD Inactive after ACK Active
75
ns
tECHHR
ACK Inactive after AFD Inactive
035
ms
tECHLR
AFD Active after ACK Inactive
01
s
tECLLR
ACK Active after AFD Active
0ns
PD7-0
STB
BUSY
tECHHF
tECHLF
tECLLF
tECDSF
tECLHF
tECDHF
AFD
PD7-0
ACK
AFD
tECHHR
tECHLR
tECLLR
tECDSR
tECLHR
tECDHR
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com