Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 140Page - National Semiconductor (TI) PC87391 Datasheet HTML 141Page - National Semiconductor (TI) PC87391 Datasheet HTML 142Page - National Semiconductor (TI) PC87391 Datasheet HTML 143Page - National Semiconductor (TI) PC87391 Datasheet HTML 144Page - National Semiconductor (TI) PC87391 Datasheet HTML 145Page - National Semiconductor (TI) PC87391 Datasheet HTML 146Page - National Semiconductor (TI) PC87391 Datasheet HTML 147Page - National Semiconductor (TI) PC87391 Datasheet HTML 148Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 147 / 148 page
background image
9.0 Device Characteristics (Continued)
147
www.national.com
9.4.13
X-Bus Signals (PC87393 and PC87393F only)
Symbol
Figure
Description
Reference Conditions
Min
Max
Unit
tVAL
Output
Output Valid Delay
After RE CLK
20
ns
tON
Output
Float to Active Delay
After RE CLK
0
ns
tOH
Output
Output Hold time
After RE CLK
0
ns
tOFF
Output
Active to Float Delay
After RE CLK
30
ns
tSU
Input
Input Setup Time
Before RE CLK
15
ns
tHI
Input
Input Hold Time
After RE CLK
0
ns
tON
Output
tVAL
tOFF
XRD, XWR, XCS[0:1]
(for reference only not available off chip)
XA[0:19], XD[0:7],
Internal CLK
tOH
X-Bus Outputs
Internal CLK
XD[0:7]
tSU
tHI
Input
Valid
Input
(for reference only not available off chip)
XRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com