Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 139 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 139 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 135Page - National Semiconductor (TI) PC87391 Datasheet HTML 136Page - National Semiconductor (TI) PC87391 Datasheet HTML 137Page - National Semiconductor (TI) PC87391 Datasheet HTML 138Page - National Semiconductor (TI) PC87391 Datasheet HTML 139Page - National Semiconductor (TI) PC87391 Datasheet HTML 140Page - National Semiconductor (TI) PC87391 Datasheet HTML 141Page - National Semiconductor (TI) PC87391 Datasheet HTML 142Page - National Semiconductor (TI) PC87391 Datasheet HTML 143Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 148 page
background image
9.0 Device Characteristics (Continued)
139
www.national.com
9.4
AC ELECTRICAL CHARACTERISTICS
9.4.1
AC Test Conditions
Figure 32. AC Test Conditions, TA =0 °Cto70 °C, VDD = 3.3 V ±10%
Notes:
1. CL = 100 pF for all output pins (except OPCI);
CL = 50 pF for OPCI output pins;
These values include both jig and oscilloscope capacitance.
2. S1 = Open for push-pull output pins.
S1 = VDD for high impedance to active low and active low to high impedance measurements.
S1 = GND for high impedance to active high and active high to high impedance measurements.
RL = 1.0KΩ for µP interface pins.
3. For the FDC open-drive interface pins, S1 = VDD and RL = 150Ω.
9.4.2
Clock Timing
.
Symbol
Parameter
48 MHz
Min
Max
Unit
tCH
Clock High Pulse Width1
1. Not tested. Guaranteed by design.
8.4
ns
tCL
Clock Low Pulse Width1
8.4
ns
tCP
Clock Period 12
2. For the 14.31818 MHz clock, required tolerance is 200
ppm (max).
20
21.5
ns
Device
Under
Test
0.1
µf
Input
Output
RL
CL
S1
Load Circuit (Notes 1, 2, 3)
AC Testing Input, Output Waveform
VDD
2.4
0.4
2.0
0.8
Test Points
2.0
0.8
CLKIN
tCL
tCP
tCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com