Electronic Components Datasheet Search
  English  ▼

X  

PC87391 Datasheet(PDF) 138 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 138 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 134Page - National Semiconductor (TI) PC87391 Datasheet HTML 135Page - National Semiconductor (TI) PC87391 Datasheet HTML 136Page - National Semiconductor (TI) PC87391 Datasheet HTML 137Page - National Semiconductor (TI) PC87391 Datasheet HTML 138Page - National Semiconductor (TI) PC87391 Datasheet HTML 139Page - National Semiconductor (TI) PC87391 Datasheet HTML 140Page - National Semiconductor (TI) PC87391 Datasheet HTML 141Page - National Semiconductor (TI) PC87391 Datasheet HTML 142Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 148 page
background image
9.0 Device Characteristics (Continued)
138
www.national.com
6. Output from ACK, ERR (and PE if bit 2 of PP Confg0 Register is set to 1) is open-drain in all SPP modes, except in SPP
Compatible mode when the setup mode is ECP-based FIFO and bit 4 of the Control2 parallel port register is set to 1.
Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be used.
7. Output from STB, AFD, INIT, SLIN is open-drain in all SPP modes, except in SPP Compatible mode when the setup
mode is ECP-based (FIFO). Otherwise, output from these signals is level 2. External 4.7 K
Ω pull-up resistors should be
used.
8. IOH is valid for a GPIO pin only when it is not configured as open-drain.
9.3
INTERNAL RESISTORS
9.3.1
Pull-Up Resistor
Symbol: PUnn.
9.3.2
Pull-Down Resistor
Symbol: PDnn.
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
RPU
Pull-up equivalent resistance
VPIN =VDD = 3.3V
nn-30%
nn
nn+30%
K
Ω
Symbol
Parameter
Conditions
Min
Typical
Max
Unit
RPD
Pull-down equivalent resistance
VPIN =0V, VDD = 3.3V nn-30%
nn
nn+30%
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com