Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 40 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 36Page - Texas Instruments TMS320VC5509 Datasheet HTML 37Page - Texas Instruments TMS320VC5509 Datasheet HTML 38Page - Texas Instruments TMS320VC5509 Datasheet HTML 39Page - Texas Instruments TMS320VC5509 Datasheet HTML 40Page - Texas Instruments TMS320VC5509 Datasheet HTML 41Page - Texas Instruments TMS320VC5509 Datasheet HTML 42Page - Texas Instruments TMS320VC5509 Datasheet HTML 43Page - Texas Instruments TMS320VC5509 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 122 page
background image
Functional Overview
40
April 2001 − Revised September 2004
SPRS163G
3.5
Configurable External Buses
The 5509 offers several combinations of configurations for its external parallel port and two serial ports. This
allows the system designer to choose the appropriate media interface for its application without the need of
a large-pin-count package. The External Bus Selection Register controls the routing of the parallel and serial
port signals.
3.5.1 External Bus Selection Register
The External Bus Selection Register determines the mapping of the 14 (LQFP) or 21 (BGA) address signals,
16 data signals, and 15 control signals of the external parallel port. It also determines the mapping of the
McBSP or MMC/SD ports to Serial Port1 and Serial Port2. The External Bus Selection Register is
memory-mapped at port address 0x6C00. Once the bit fields of this register are changed, the routing of the
signals takes place on the next CPU clock cycle.
The reset value of the parallel port mode bit field is determined by the state of the GPIO0 pin at reset. If GPIO0
is high at reset, the full EMIF mode is enabled and the parallel port mode bit field is set to 01. If GPIO0 is low
at reset, the HPI multiplexed mode is enabled and the parallel port mode bit field is set to 11.
15
14
13
12
11
10
9
8
CLKOUT
Disable
OSC Disable
HIDL
BKE
EMIF X2
HOLD
HOLDA
Reserved
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 1
R, 0
7
6
5
4
3
2
1
0
Reserved
Serial Port2 Mode
Serial Port1 Mode
Parallel Port Mode
R/W, 00
R/W, 00
R/W, 00
R/W, 01 if GPIO0 = 1
11 if GPIO0 = 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−6. External Bus Selection Register
Table 3−5. External Bus Selection Register Bit Field Description
BITS
DESCRIPTION
15
CLKOUT disable.
CLKOUT disable = 0:
CLKOUT enabled
CLKOUT disable = 1:
CLKOUT disabled
14
Oscillator disable. Works with IDLE instruction to put the clock generation domain into IDLE mode.
OSC disable = 0:
Oscillator enabled
OSC disable = 1:
Oscillator disabled
13
Host mode idle bit. (Applicable only if the parallel bus is configured as EHPI.)
When the parallel bus is set to EHPI mode, the clock domain is not allowed to go to idle, so a host processor can
access the DSP internal memory. The HIDL bit works around this restriction and allows the DSP to idle the clock
domain and the EHPI. When the clock domain is in idle, a host processor will not be able to access the DSP
memory.
HIDL = 0:
Host access to DSP enabled. Idling EHPI and clock domain is not allowed.
HIDL = 1:
Idles the HPI and the clock domain upon execution of the IDLE instruction when the parallel
port mode is set to 10 or 11 selecting HPI mode. In addition, bit 4 of the Idle Control Register
must be set to 1 prior to the execution of the IDLE instruction.
† Function available when the port or pins configured as input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com