Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 63Page - Texas Instruments TMS320VC5509 Datasheet HTML 64Page - Texas Instruments TMS320VC5509 Datasheet HTML 65Page - Texas Instruments TMS320VC5509 Datasheet HTML 66Page - Texas Instruments TMS320VC5509 Datasheet HTML 67Page - Texas Instruments TMS320VC5509 Datasheet HTML 68Page - Texas Instruments TMS320VC5509 Datasheet HTML 69Page - Texas Instruments TMS320VC5509 Datasheet HTML 70Page - Texas Instruments TMS320VC5509 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 122 page
background image
Functional Overview
67
April 2001 − Revised September 2004
SPRS163G
The IFR1 (Interrupt Flag Register 1) and IER1 (Interrupt Enable Register 1) bit layouts are shown in
Figure 3−18.
NOTE: It is possible to have active interrupts simultaneously from both the external interrupt 4
(INT4) and the real-time clock (RTC). When an interrupt is detected in this bit, the real-time
clock status register should be polled to determine if the real-time clock is the source of the
interrupt.
15
11
10
9
8
Reserved
RTOS
DLOG
BERR
R/W−00000†
R/W−0
R/W−0
R/W−0
76
54
32
10
I2C
TINT1
DMAC3
DMAC2
INT4/RTC
DMAC0
XINT0
INT1
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
LEGEND: R = Read, W = Write, n = value after reset
† Always write zeros.
Figure 3−18. IFR1 and IER1 Bit Locations
Table 3−39. IFR1 and IER1 Register Bit Fields
BIT
FUNCTION
NUMBER
NAME
FUNCTION
15−11
−
Reserved for future expansion. These bits should always be written with 0.
10
RTOS
Real-time operating system interrupt flag/mask bit
9
DLOG
Data log interrupt flag/mask bit
8
BERR
Bus error interrupt flag/mask bit
7
I2C
I2C interrupt flag/mask bit
6
TINT1
Timer 1 interrupt flag/mask bit
5
DMAC3
DMA channel 3 interrupt flag/mask bit
4
DMAC2
DMA channel 2 interrupt flag/mask bit
3
INT4/RTC
This bit can be used as either the external user interrupt 4 flag/mask bit, or the real-time clock
interrupt flag/mask bit.
2
DMAC0
DMA channel 0 interrupt flag/mask bit
1
XINT0
McBSP transmit 0 interrupt flag/mask bit
0
INT1
External user interrupt 1 flag/mask bit
3.10.2
Interrupt Timing
The external interrupts (INT[4:0]) are synchronized to the CPU by way of a two-flip-flop synchronizer. The
interrupt inputs are sampled on falling edges of the CPU clock. A sequence of 1-1-0-0-0 on consecutive cycles
on the interrupt pin is required for an interrupt to be detected. Therefore, the minimum low pulse duration on
the external interrupts on the 5509 is three CPU clock periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com