Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 94 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 90Page - Texas Instruments TMS320VC5509 Datasheet HTML 91Page - Texas Instruments TMS320VC5509 Datasheet HTML 92Page - Texas Instruments TMS320VC5509 Datasheet HTML 93Page - Texas Instruments TMS320VC5509 Datasheet HTML 94Page - Texas Instruments TMS320VC5509 Datasheet HTML 95Page - Texas Instruments TMS320VC5509 Datasheet HTML 96Page - Texas Instruments TMS320VC5509 Datasheet HTML 97Page - Texas Instruments TMS320VC5509 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 122 page
background image
Electrical Specifications
94
April 2001 − Revised September 2004
SPRS163G
5.9
External Interrupt Timings
Table 5−18 assumes testing over recommended operating conditions (see Figure 5−17).
Table 5−18. External Interrupt Timing Requirements†
NO.
MIN
MAX
UNIT
I1
tw(INTL)A
Pulse width, interrupt low, CPU active
3P
ns
I2
tw(INTH)A
Pulse width, interrupt high, CPU active
2P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 144 MHz, use P = 6.94 ns.
I1
I2
INTn
Figure 5−17. External Interrupt Timings
5.10 Wake-Up From IDLE
Table 5−19 assumes testing over recommended operating conditions (see Figure 5−18).
Table 5−19. Wake-Up From IDLE Switching Characteristics†
NO.
PARAMETER
MIN
TYP
MAX
UNIT
ID1
td(WKPEVTL-CLKGEN)
Delay time, wake-up event low to clock generation enable
(CPU and clock domain idle)
1.25‡
ms
ID2
th(CLKGEN-WKPEVTL)
Hold time, clock generation enable to wake-up event low
(CPU and clock domain in idle)
3P§
ns
ID3
tw(WKPEVTL)
Pulse width, wake-up event low (for CPU idle only)
3P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 144 MHz, use P = 6.94 ns.
‡ Based on 12-MHz crystal used with on-chip oscillator at 25
°C. This number will vary based on the actual crystal characteristics operating condition
and the PC board layout and the parasitics.
§ Following the clock generation domain idle, the INTx becomes level-sensitive and stays that way until the low-to-high transition of INTx following
the CPU wake-up. Holding the INTx low longer than minimum requirement will send more than one interrupt to the CPU. The number of interrupts
sent to the CPU depends on the INTx-low time following the CPU wake-up from IDLE.
ID1
ID2
ID3
X1
RESET,
INTx
Figure 5−18. Wake-Up From IDLE Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com