Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 45 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 41Page - Texas Instruments TMS320VC5509 Datasheet HTML 42Page - Texas Instruments TMS320VC5509 Datasheet HTML 43Page - Texas Instruments TMS320VC5509 Datasheet HTML 44Page - Texas Instruments TMS320VC5509 Datasheet HTML 45Page - Texas Instruments TMS320VC5509 Datasheet HTML 46Page - Texas Instruments TMS320VC5509 Datasheet HTML 47Page - Texas Instruments TMS320VC5509 Datasheet HTML 48Page - Texas Instruments TMS320VC5509 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 122 page
background image
Functional Overview
45
April 2001 − Revised September 2004
SPRS163G
3.6
General-Purpose Input/Output (GPIO) Ports
3.6.1 Dedicated General-Purpose I/O
The 5509 provides eight dedicated general-purpose input/output pins, GPIO0−GPIO7. Each pin can be
indepedently configured as an input or an output using the I/O Direction Register (IODIR). The I/O Data
Register (IODATA) is used to monitor the logic state of pins configured as inputs and control the logic state
of pins configured as outputs. See Table 3−27 for address information. The description of the IODIR is shown
in Figure 3−9 and Table 3−9. The description of IODATA is shown in Figure 3−10 and Table 3−10.
To configure a GPIO pin as an input, clear the direction bit that corresponds to the pin in IODIR to 0. To read
the logic state of the input pin, read the corresponding bit in IODATA.
To configure a GPIO pin as an output, set the direction bit that corresponds to the pin in IODIR to 1. To control
the logic state of the output pin, write to the corresponding bit in IODATA.
15
87
65
43
21
0
Reserved
IO7DIR
IO6DIR
IO5DIR
(BGA)
IO4DIR
IO3DIR
IO2DIR
IO1DIR
IO0DIR
R−00000000
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
R/W−0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−9. I/O Direction Register (IODIR) Bit Layout
Table 3−9. I/O Direction Register (IODIR) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−8
Reserved
0
These bits are reserved and are unaffected by writes.
7−0
IOxDIR†
0
IOx Direction Control Bit. Controls whether IOx operates as an input or an output.
IOxDIR = 0
IOx is configured as an input.
IOxDIR = 1
IOx is configured as an output.
† The GPIO5 pin is available on the BGA package only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com