Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 27Page - Texas Instruments TMS320VC5509 Datasheet HTML 28Page - Texas Instruments TMS320VC5509 Datasheet HTML 29Page - Texas Instruments TMS320VC5509 Datasheet HTML 30Page - Texas Instruments TMS320VC5509 Datasheet HTML 31Page - Texas Instruments TMS320VC5509 Datasheet HTML 32Page - Texas Instruments TMS320VC5509 Datasheet HTML 33Page - Texas Instruments TMS320VC5509 Datasheet HTML 34Page - Texas Instruments TMS320VC5509 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 122 page
background image
Functional Overview
31
April 2001 − Revised September 2004
SPRS163G
3.1
Memory
The 5509 supports a unified memory map (program and data accesses are made to the same physical space).
The total on-chip memory is 320K bytes (128K 16-bit words of RAM and 32K 16-bit words of ROM).
3.1.1 On-Chip Dual-Access RAM (DARAM)
The DARAM is located in the byte address range 000000h−00FFFFh and is composed of eight blocks of
8K bytes each (see Table 3−1). Each DARAM block can perform two accesses per cycle (two reads, two
writes, or a read and a write). DARAM can be accessed by the internal program, data, or DMA buses. The
HPI can only access the first four (32K bytes) DARAM blocks.
Table 3−1. DARAM Blocks
BYTE ADDRESS RANGE
MEMORY BLOCK
000000h − 001FFFh
DARAM 0 (HPI accessible)†
002000h − 003FFFh
DARAM 1 (HPI accessible)
004000h − 005FFFh
DARAM 2 (HPI accessible)
006000h − 007FFFh
DARAM 3 (HPI accessible)
008000h − 009FFFh
DARAM 4
00A000h − 00BFFFh
DARAM 5
00C000h − 00DFFFh
DARAM 6
00E000h − 00FFFFh
DARAM 7
† First 192 bytes are reserved for Memory-Mapped Registers (MMRs).
3.1.2 On-Chip Single-Access RAM (SARAM)
The SARAM is located at the byte address range 010000h−03FFFFh and is composed of 24 blocks of 8K bytes
each (see Table 3−2). Each SARAM block can perform one access per cycle (one read or one write). SARAM
can be accessed by the internal program, data, or DMA buses.
Table 3−2. SARAM Blocks
BYTE ADDRESS RANGE
MEMORY BLOCK
BYTE ADDRESS RANGE
MEMORY BLOCK
010000h − 011FFFh
SARAM 0
028000h − 029FFFh
SARAM 12
012000h − 013FFFh
SARAM 1
02A000h − 02BFFFh
SARAM 13
014000h − 015FFFh
SARAM 2
02C000h − 02DFFFh
SARAM 14
016000h − 017FFFh
SARAM 3
02E000h − 02FFFFh
SARAM 15
018000h − 019FFFh
SARAM 4
030000h − 031FFFh
SARAM 16
01A000h − 01BFFFh
SARAM 5
032000h − 033FFFh
SARAM 17
01C000h − 01DFFFh
SARAM 6
034000h − 035FFFh
SARAM 18
01E000h − 01FFFFh
SARAM 7
036000h − 037FFFh
SARAM 19
020000h − 021FFFh
SARAM 8
038000h − 039FFFh
SARAM 20
022000h − 023FFFh
SARAM 9
03A000h − 03BFFFh
SARAM 21
024000h − 025FFFh
SARAM 10
03C000h − 03DFFFh
SARAM 22
026000h − 027FFFh
SARAM 11
03E000h − 03FFFFh
SARAM 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com