Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 98 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 94Page - Texas Instruments TMS320VC5509 Datasheet HTML 95Page - Texas Instruments TMS320VC5509 Datasheet HTML 96Page - Texas Instruments TMS320VC5509 Datasheet HTML 97Page - Texas Instruments TMS320VC5509 Datasheet HTML 98Page - Texas Instruments TMS320VC5509 Datasheet HTML 99Page - Texas Instruments TMS320VC5509 Datasheet HTML 100Page - Texas Instruments TMS320VC5509 Datasheet HTML 101Page - Texas Instruments TMS320VC5509 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 122 page
background image
Electrical Specifications
98
April 2001 − Revised September 2004
SPRS163G
5.14 Multichannel Buffered Serial Port (McBSP) Timings
5.14.1
McBSP Transmit and Receive Timings
Table 5−25 and Table 5−26 assume testing over recommended operating conditions (see Figure 5−23 and
Figure 5−24).
Table 5−25. McBSP T
ransmit and Receive Timing Requirements†
NO.
MIN
MAX
UNIT
MC1
tc(CKRX)
Cycle time, CLKR/X
CLKR/X ext
2P‡
ns
MC2
tw(CKRX)
Pulse duration, CLKR/X high or CLKR/X low
CLKR/X ext
P–1‡
ns
MC3
tr(CKRX)
Rise time, CLKR/X
CLKR/X ext
6
ns
MC4
tf(CKRX)
Fall time, CLKR/X
CLKR/X ext
6
ns
MC5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR int
12
ns
MC5
tsu(FRH-CKRL)
Setup time, external FSR high before CLKR low
CLKR ext
2
ns
MC6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR int
3
ns
MC6
th(CKRL-FRH)
Hold time, external FSR high after CLKR low
CLKR ext
2
ns
MC7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR int
10
ns
MC7
tsu(DRV-CKRL)
Setup time, DR valid before CLKR low
CLKR ext
2
ns
MC8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR int
3
ns
MC8
th(CKRL-DRV)
Hold time, DR valid after CLKR low
CLKR ext
3
ns
MC9
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX int
12
ns
MC9
tsu(FXH-CKXL)
Setup time, external FSX high before CLKX low
CLKX ext
2
ns
MC10
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX int
4
ns
MC10
th(CKXL-FXH)
Hold time, external FSX high after CLKX low
CLKX ext
2
ns
† Polarity bits CLKRP = CLKXP = FSRP = FSXP = 0. If the polarity of any of the signals is inverted, then the timing references of that signal are
also inverted.
‡ P = 1/CPU clock frequency. For example, when running parts at 144 MHz, use P = 6.94 ns. In addition to CPU frequency, the maximum operating
frequency of the serial port also depends on meeting the rest of the switching characteristics and timing requirements parameters specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com