Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 75Page - Texas Instruments TMS320VC5509 Datasheet HTML 76Page - Texas Instruments TMS320VC5509 Datasheet HTML 77Page - Texas Instruments TMS320VC5509 Datasheet HTML 78Page - Texas Instruments TMS320VC5509 Datasheet HTML 79Page - Texas Instruments TMS320VC5509 Datasheet HTML 80Page - Texas Instruments TMS320VC5509 Datasheet HTML 81Page - Texas Instruments TMS320VC5509 Datasheet HTML 82Page - Texas Instruments TMS320VC5509 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 122 page
background image
Electrical Specifications
79
April 2001 − Revised September 2004
SPRS163G
C3
C2
C1
C4
C5
C7
C6
C8
C9
X2/CLKIN
CLKOUT
C10
C11
NOTE A: The relationship of X2/CLKIN to CLKOUT depends on the PLL bypass divide factor chosen for the CLKMD register. The waveform
relationship shown in Figure 5−3 is intended to illustrate the timing parameters based on CLKOUT = 1/2(CLKIN) configuration.
Figure 5−3. Bypass Mode Clock Timings
5.6.4 Clock Generation in Lock Mode (DPLL Synthesis Enabled)
The frequency of the reference clock provided at the X2/CLKIN pin can be multiplied by a synthesis factor of
N to generate the internal CPU clock cycle. The synthesis factor is determined by:
N= M
D
L
where: M = the multiply factor set in the PLL_MULT field of the clock mode register
DL = the divide factor set in the PLL_DIV field of the clock mode register
Valid values for M are (multiply by) 2 to 31. Valid values for DL are (divide by) 1, 2, 3, and 4.
For detailed information on clock generation configuration, see the TMS320C55x DSP Peripherals Overview
Reference Guide (literature number SPRU317).
Table 5−5 and Table 5−6 assume testing over recommended operating conditions and H = 0.5tc(CO) (see
Figure 5−4).
Table 5−5. Multiply-By-N Clock Option Timing Requirements
NO.
MIN
MAX
UNIT
C1
tc(CI)
Cycle time, X2/CLKIN
DPLL synthesis enabled
20†
400
ns
C2
tf(CI)
Fall time, X2/CLKIN
4
ns
C3
tr(CI)
Rise time, X2/CLKIN
4
ns
C10
tw(CIL)
Pulse duration, CLKIN low
6
ns
C11
tw(CIH)
Pulse duration, CLKIN high
6
ns
† The clock frequency synthesis factor and minimum X2/CLKIN cycle time should be chosen such that the resulting CLKOUT cycle time is within
the specified range (tc(CO)). If an external crystal is used, the X2/CLKIN cycle time is limited by the crystal frequency range listed in Table 5−2.
Table 5−6. Multiply-By-N Clock Option Switching Characteristics
NO.
PARAMETER
MIN
TYP
MAX
UNIT
C4
tc(CO)
Cycle time, CLKOUT
6.94
tc(CI)*N‡
1600
ns
C12
td(CI–CO)
Delay time, X2/CLKIN high/low to CLKOUT high/low
10
20
30
ns
C6
tf(CO)
Fall time, CLKOUT
1
ns
C7
tr(CO)
Rise time, CLKOUT
1
ns
C8
tw(COL)
Pulse duration, CLKOUT low
H−2
H+2
ns
C9
tw(COH)
Pulse duration, CLKOUT high
H−2
H+2
ns
‡ N = Clock frequency synthesis factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com