Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 84 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 80Page - Texas Instruments TMS320VC5509 Datasheet HTML 81Page - Texas Instruments TMS320VC5509 Datasheet HTML 82Page - Texas Instruments TMS320VC5509 Datasheet HTML 83Page - Texas Instruments TMS320VC5509 Datasheet HTML 84Page - Texas Instruments TMS320VC5509 Datasheet HTML 85Page - Texas Instruments TMS320VC5509 Datasheet HTML 86Page - Texas Instruments TMS320VC5509 Datasheet HTML 87Page - Texas Instruments TMS320VC5509 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 122 page
background image
Electrical Specifications
84
April 2001 − Revised September 2004
SPRS163G
5.7.2 Synchronous DRAM (SDRAM) Timings
Table 5−9, Table 5−10, Table 5−11, and Table 5−12 assume testing over recommended operating conditions
(see Figure 5−8 through Figure 5−13).
Table 5−9. Synchronous DRAM Cycle Timing Requirements
[SDRAM Clock = 1X, (1/4)X, and (1/8)X of CPU Clock]†
NO.
MIN
MAX
UNIT
M19
tsu(DV-CLKMEMH)
Setup time, read data valid before CLKMEM high
9
ns
M20
th(CLKMEMH-DV)
Hold time, read data valid after CLKMEM high
0
ns
M21
tc(CLKMEM)
Cycle time, CLKMEM
13.88‡
ns
† The EMIFX2 bit of the External Bus Selection Register (EBSR) is cleared. See Section 3.5.1, External Bus Selection Register, for more details.
‡ Maximum SDRAM operating frequency supported is 72 MHz.
Table 5−10. Synchronous DRAM Cycle Switching Characteristics
[SDRAM Clock = 1X, (1/4)X, and (1/8)X of CPU Clock]†
NO.
PARAMETER
1X
CPU CLOCK
(1/4)X
CPU CLOCK
(1/8)X
CPU CLOCK
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
M22
td(CLKMEMH-CEL)
Delay time, CLKMEM high to CEx low
0
6
21
26
35
40
ns
M23
td(CLKMEMH-CEH)
Delay time, CLKMEM high to CEx high
0
6
21
26
35
40
ns
M24
td(CLKMEMH-BEV)
Delay time, CLKMEM high to BEx valid
0
6
21
26
35
40
ns
M25
td(CLKMEMH-BEIV)
Delay time, CLKMEM high to BEx invalid
0
6
21
26
35
40
ns
M26
td(CLKMEMH-AV)
Delay time, CLKMEM high to address
valid
1
6
21
26
35
40
ns
M27
td(CLKMEMH-AIV)
Delay time, CLKMEM high to address
invalid
1
6
21
26
35
40
ns
M28
td(CLKMEMH-SDCASL)
Delay time, CLKMEM high to SDCAS low
0
6
21
26
35
40
ns
M29
td(CLKMEMH-SDCASH)
Delay time, CLKMEM high to SDCAS
high
0
6
21
26
35
40
ns
M30
td(CLKMEMH-DV)
Delay time, CLKMEM high to data valid
0
6
21
26
35
40
ns
M31
td(CLKMEMH-DIV)
Delay time, CLKMEM high to data invalid
0
6
21
26
35
40
ns
M32
td(CLKMEMH-SDWEL)
Delay time, CLKMEM high to SDWE low
0
6
21
26
35
40
ns
M33
td(CLKMEMH-SDWEH)
Delay time, CLKMEM high to SDWE high
0
6
21
26
35
40
ns
M34
td(CLKMEMH-SDA10V)
Delay time, CLKMEM high to SDA10
valid
0
6
21
26
35
40
ns
M35
td(CLKMEMH-SDA10IV)
Delay time, CLKMEM high to SDA10
invalid
0
6
21
26
35
40
ns
M36
td(CLKMEMH-SDRASL)
Delay time, CLKMEM high to SDRAS low
0
6
21
26
35
40
ns
M37
td(CLKMEMH-SDRASH)
Delay time, CLKMEM high to SDRAS
high
0
6
21
26
35
40
ns
† The EMIFX2 bit of the External Bus Selection Register (EBSR) is cleared. See Section 3.5.1, External Bus Selection Register, for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com