Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 64 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 60Page - Texas Instruments TMS320VC5509 Datasheet HTML 61Page - Texas Instruments TMS320VC5509 Datasheet HTML 62Page - Texas Instruments TMS320VC5509 Datasheet HTML 63Page - Texas Instruments TMS320VC5509 Datasheet HTML 64Page - Texas Instruments TMS320VC5509 Datasheet HTML 65Page - Texas Instruments TMS320VC5509 Datasheet HTML 66Page - Texas Instruments TMS320VC5509 Datasheet HTML 67Page - Texas Instruments TMS320VC5509 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 122 page
background image
Functional Overview
64
April 2001 − Revised September 2004
SPRS163G
Table 3−33. USB Module Registers (Continued)
WORD ADDRESS
RESET VALUE†
DESCRIPTION
REGISTER NAME
CONTROL AND STATUS REGISTERS (CONTINUED)
0x6797
IDMAGINT
Input DMA Go Interrupt Register
xxxx xxxx 0000 0000
0x6798
ODMAGINT
Output DMA Go Interrupt Register
xxxx xxxx 0000 0000
0x6799
IDMAMSK
Input DMA Interrupt Mask Register
xxxx xxxx 0000 0000
0x679A
ODMAMSK
Output DMA Interrupt Mask Register
xxxx xxxx 0000 0000
0x679B
IEDBMSK
Input EDB Interrupt Mask Register
xxxx xxxx 0000 0000
0x679C
OEDBMSK
Output EDB Interrupt Mask Register
xxxx xxxx 0000 0000
0x67F8
FNUML
Frame Number Low Register
xxxx xxxx 0000 0000
0x67F9
FNUMH
Frame Number High
xxxx xxxx xxxx x000
0x67FA
PSOFTMR
PreSOF Interrupt Timer Register
xxxx xxxx 0000 0000
0x67FC
USBCTL
USB Control Register
xxxx xxxx 0101 0000
0x67FD
USBMSK
USB Interrupt Mask Register
xxxx xxxx 0000 0000
0x67FE
USBSTA
USB Status Register
xxxx xxxx 0000 0000
0x67FF
FUNADR
Function Address Register
xxxx xxxx x000 0000
0x7000
USBIDLECTL
USB Idle Control and Status Register
xxxx xxxx xxxx x000
† Hardware reset; x denotes a “don’t care.”
NOTE: The USB module must be brought out of reset by setting bit 2 of the USB Idle Control and Status Register before any USB module register
read or write attempt.
Table 3−34. Analog-to-Digital Controller (ADC) Registers
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x6800
ADCCTL[15:11]
ADC Control Register
0111 0000 0000 0000
0x6801
ADCDATA[15:0]
ADC Data Register
0111 0000 0000 0000
0x6802
ADCCLKDIV[15:0]
ADC Function Clock Divider Register
0000 0000 0000 1111
0x6803
ADCCLKCTL[8:0]
ADC Clock Control Register
0000 0000 0000 0111
† Hardware reset; x denotes a “don’t care.”
Table 3−35. External Bus Selection Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x6C00
EBSR[15:0]
External Bus Selection Register
0000 0000 0000 0011‡
† Hardware reset; x denotes a “don’t care.”
‡ The reset value is 0000 0000 0000 0001 if GPIO0 = 1; the value is 0000 0000 0000 0011 if GPIO0 = 0.
Table 3−36. Secure ROM Register
WORD ADDRESS
REGISTER NAME
DESCRIPTION
RESET VALUE†
0x7400
SROM[0]
Secure ROM Register
0000 0000 0000 0000
† Hardware reset; x denotes a “don’t care.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com