Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 39Page - Texas Instruments TMS320VC5509 Datasheet HTML 40Page - Texas Instruments TMS320VC5509 Datasheet HTML 41Page - Texas Instruments TMS320VC5509 Datasheet HTML 42Page - Texas Instruments TMS320VC5509 Datasheet HTML 43Page - Texas Instruments TMS320VC5509 Datasheet HTML 44Page - Texas Instruments TMS320VC5509 Datasheet HTML 45Page - Texas Instruments TMS320VC5509 Datasheet HTML 46Page - Texas Instruments TMS320VC5509 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
Functional Overview
43
April 2001 − Revised September 2004
SPRS163G
3.5.3 Parallel Port Signal Routing
The 5509 allows access to 16-bit-wide (read and write) asynchronous memory and 16-bit-wide SDRAM. For
16-bit-wide memories, EMIF.A[0] is kept low and is not used. To provide as many address pins as possible,
the 5509 routes the parallel port signals as shown in Figure 3−7.
Figure 3−7 shows the addition of the A
′[0] signal in the BGA package. This pin is used for asynchronous
memory interface only, while the A[0] pin is used with HPI or GPIO. Figure 3−8 summarizes the use of the
parallel port signals for memory interfacing.
EMIF.A[0]
GPIO.A[0]
HPI.HA[0]
EMIF.A[13:1]
HPI.HA[13:1]
GPIO.A[13:1]
EMIF.A[14]
GPIO.A[14]
EMIF.A[15]
GPIO.A[15]
EMIF.A[20:16]
A’[0] (BGA only)
A[0]
A[13:1]
A[14] (BGA only)
A[15] (BGA only)
A[20:16] (BGA only)
Figure 3−7. Parallel Port Signal Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com