Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 102 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 98Page - Texas Instruments TMS320VC5509 Datasheet HTML 99Page - Texas Instruments TMS320VC5509 Datasheet HTML 100Page - Texas Instruments TMS320VC5509 Datasheet HTML 101Page - Texas Instruments TMS320VC5509 Datasheet HTML 102Page - Texas Instruments TMS320VC5509 Datasheet HTML 103Page - Texas Instruments TMS320VC5509 Datasheet HTML 104Page - Texas Instruments TMS320VC5509 Datasheet HTML 105Page - Texas Instruments TMS320VC5509 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 122 page
background image
Electrical Specifications
102
April 2001 − Revised September 2004
SPRS163G
5.14.3
McBSP as SPI Master or Slave Timings
Table 5−29 to Table 5−36 assume testing over recommended operating conditions (see Figure 5−26 through
Figure 5−29).
Table 5−29. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 10b, CLKXP = 0)†‡
NO.
MASTER
SLAVE
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
MC23
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
12
2 − 8P
ns
MC24
th(CKXL-DRV)
Hold time, DR valid after CLKX low
0
2 + 8P
ns
MC25
tsu(FXL-CKXH)
Setup time, FSX low before CLKX high
10
ns
MC26
tc(CKX)
Cycle time, CLKX
2P
16P
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = 1/CPU clock frequency. For example, when running parts at 144 MHz, use P = 6.94 ns. In addition to CPU frequency, the maximum operating
frequency of the serial port also depends on meeting the rest of the switching characteristics and timing requirements parameters specified.
Table 5−30. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 10b, CLKXP = 0)†‡
NO.
PARAMETER
MASTER§
SLAVE
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
MC27
td(CKXL-FXL)
Delay time, CLKX low to FSX low
T − 3
T + 4
ns
MC28
td(FXL-CKXH)
Delay time, FSX low to CLKX high#
C − 4
C + 3
ns
MC29
td(CKXH-DXV)
Delay time, CLKX high to DX valid
−2
8
5P + 3
5P + 12
ns
MC30
tdis(CKXL-DXHZ)
Disable time, DX high-impedance following last data bit
from CLKX low
C − 1
C + 1
ns
MC31
tdis(FXH-DXHZ)
Disable time, DX high-impedance following last data bit
from FSX high
4P+ 2
4P + 10
ns
MC32
td(FXL-DXV)
Delay time, FSX low to DX valid
3P + 5
3P + 14
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = 1/CPU clock frequency. For example, when running parts at 144 MHz, use P = 6.94 ns. In addition to CPU frequency, the maximum operating
frequency of the serial port also depends on meeting the rest of the switching characteristics and timing requirements parameters specified.
§ T = CLKX period = (1 + CLKGDV) * 2P
C = CLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * 2P when CLKGDV is even
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
# FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(CLKX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com