Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 104 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 100Page - Texas Instruments TMS320VC5509 Datasheet HTML 101Page - Texas Instruments TMS320VC5509 Datasheet HTML 102Page - Texas Instruments TMS320VC5509 Datasheet HTML 103Page - Texas Instruments TMS320VC5509 Datasheet HTML 104Page - Texas Instruments TMS320VC5509 Datasheet HTML 105Page - Texas Instruments TMS320VC5509 Datasheet HTML 106Page - Texas Instruments TMS320VC5509 Datasheet HTML 107Page - Texas Instruments TMS320VC5509 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
Electrical Specifications
104
April 2001 − Revised September 2004
SPRS163G
Table 5−31. McBSP as SPI Master or Slave Timing Requirements (CLKSTP = 11b, CLKXP = 0)†‡
NO.
MASTER
SLAVE
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
MC33
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
12
2 − 8P
ns
MC34
th(CKXH-DRV)
Hold time, DR valid after CLKX high
0
2 + 8P
ns
MC25
tsu(FXL-CKXH)
Setup time, FSX low before CLKX high
10
ns
MC26
tc(CKX)
Cycle time, CLKX
2P
16P
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = 1/CPU clock frequency. For example, when running parts at 144 MHz, use P = 6.94 ns. In addition to CPU frequency, the maximum operating
frequency of the serial port also depends on meeting the rest of the switching characteristics and timing requirements parameters specified.
Table 5−32. McBSP as SPI Master or Slave Switching Characteristics (CLKSTP = 11b, CLKXP = 0)†‡
NO.
PARAMETER
MASTER§
SLAVE
UNIT
NO.
PARAMETER
MIN
MAX
MIN
MAX
UNIT
MC27
td(CKXL-FXL)
Delay time, CLKX low to FSX low
C − 4
C + 3
ns
MC28
td(FXL-CKXH)
Delay time, FSX low to CLKX high#
T − 3
T + 4
ns
MC35
td(CKXL-DXV)
Delay time, CLKX low to DX valid
−2
8
5P + 3
5P + 12
ns
MC30
tdis(CKXL-DXHZ)
Disable time, DX high-impedance following last data bit from
CLKX low
−1
1
5P + 3
5P + 10
ns
MC32
td(FXL-DXV)
Delay time, FSX low to DX valid
D − 2
D + 7
3P + 5
3P + 14
ns
† For all SPI slave modes, CLKG is programmed as 1/2 of the CPU clock by setting CLKSM = CLKGDV = 1.
‡ P = 1/CPU clock frequency. For example, when running parts at 144 MHz, use P = 6.94 ns. In addition to CPU frequency, the maximum operating
frequency of the serial port also depends on meeting the rest of the switching characteristics and timing requirements parameters specified.
§ T = CLKX period = (1 + CLKGDV) * P
C = CLKX low pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2) * P when CLKGDV is even
D = CLKX high pulse width = T/2 when CLKGDV is odd or zero and = (CLKGDV/2 + 1) * P when CLKGDV is even
FSRP = FSXP = 1. As a SPI master, FSX is inverted to provide active-low slave-enable output. As a slave, the active-low signal input on FSX
and FSR is inverted before being used internally.
CLKXM = FSXM = 1, CLKRM = FSRM = 0 for master McBSP
CLKXM = CLKRM = FSXM = FSRM = 0 for slave McBSP
# FSX should be low before the rising edge of clock to enable slave devices and then begin a SPI transfer at the rising edge of the master clock
(CLKX).
LSB
MC25
MC28
MC26
MC35
MC33
MC34
MSB
CLKX
FSX
DX
DR
Bit (n−1)
(n−2)
(n−3)
(n−4)
Bit 0
Bit 0
Bit (n−1)
(n−2)
(n−3)
(n−4)
MC27
MC30
MC32
Figure 5−27. McBSP Timings as SPI Master or Slave: CLKSTP = 11b, CLKXP = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com