Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 108 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 104Page - Texas Instruments TMS320VC5509 Datasheet HTML 105Page - Texas Instruments TMS320VC5509 Datasheet HTML 106Page - Texas Instruments TMS320VC5509 Datasheet HTML 107Page - Texas Instruments TMS320VC5509 Datasheet HTML 108Page - Texas Instruments TMS320VC5509 Datasheet HTML 109Page - Texas Instruments TMS320VC5509 Datasheet HTML 110Page - Texas Instruments TMS320VC5509 Datasheet HTML 111Page - Texas Instruments TMS320VC5509 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 122 page
background image
Electrical Specifications
108
April 2001 − Revised September 2004
SPRS163G
H5
H5
H3
H4
Valid
Valid
H11
H16
Read Data
H7
H20
H19
Write Data
H18
H17
HCS
HDS
HR/W
HBE[1:0]
HPI.HA[13:0]
HPI.HD[15:0]
(Read)
HPI.HD[15:0]
(Write)
HRDY
Read
Write
H6
H3
H4
H12
H8
Valid
Valid
HCNTL[0]
NOTES: A. Any non-multiplexed access with HCNTL0 low will result in HPIC register access. For data read or write, HCNTL0 must stay
high during the EHPI access.
B. The falling edge of HCS must occur concurrent with or before the falling edge of HDS. The rising edge of HCS must occur
concurrent with or after the rising edge of HDS. If HDS1 and/or HDS2 are tied permanently active and HCS is used as a strobe,
the timing requirements shown for HDS apply to HCS. Operation with HCS as a strobe is not recommended.
Figure 5−30. EHPI Nonmultiplexed Read/Write Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com