Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 111 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 111 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 107Page - Texas Instruments TMS320VC5509 Datasheet HTML 108Page - Texas Instruments TMS320VC5509 Datasheet HTML 109Page - Texas Instruments TMS320VC5509 Datasheet HTML 110Page - Texas Instruments TMS320VC5509 Datasheet HTML 111Page - Texas Instruments TMS320VC5509 Datasheet HTML 112Page - Texas Instruments TMS320VC5509 Datasheet HTML 113Page - Texas Instruments TMS320VC5509 Datasheet HTML 114Page - Texas Instruments TMS320VC5509 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 122 page
background image
Electrical Specifications
111
April 2001 − Revised September 2004
SPRS163G
Valid (01)
Valid (01)
n
n+1
n+2
d(n)
d(n+1)
d(n+2)
Write Data
H1
H2
H5
H6
H9
H10
H3
H4
HCS
HAS
HDS
HR/W
HBE[1:0]
HCNTL[1:0]
HPI.HD[15:0]
(Write)
HPIA
Contents
HPID
Contents
HRDY
Write Data
H7
H8
H20
H19
H20
H19
NOTES: A. During autoincrement mode, although the EHPI internally increments the memory address, reads of the HPIA register by the
host will always indicate the base address.
B. The falling edge of HCS must occur concurrent with or before the falling edge of HDS. The rising edge of HCS must occur
concurrent with or after the rising edge of HDS. If HDS1 and/or HDS2 are tied permanently active and HCS is used as a strobe,
the timing requirements shown for HDS apply to HCS. Operation with HCS as a strobe is not recommended.
Figure 5−33. EHPI Multiplexed Memory (HPID) Access Write Timings With Autoincrement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com