Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 113 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 109Page - Texas Instruments TMS320VC5509 Datasheet HTML 110Page - Texas Instruments TMS320VC5509 Datasheet HTML 111Page - Texas Instruments TMS320VC5509 Datasheet HTML 112Page - Texas Instruments TMS320VC5509 Datasheet HTML 113Page - Texas Instruments TMS320VC5509 Datasheet HTML 114Page - Texas Instruments TMS320VC5509 Datasheet HTML 115Page - Texas Instruments TMS320VC5509 Datasheet HTML 116Page - Texas Instruments TMS320VC5509 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 122 page
background image
Electrical Specifications
113
April 2001 − Revised September 2004
SPRS163G
5.16 I2C Timings
Table 5−39 and Table 5−40 assume testing over recommended operating conditions (see Figure 5−35 and
Figure 5−36).
Table 5−39. I2C Signals (SDA and SCL) Timing Requirements
NO.
STANDARD
MODE
FAST
MODE
UNIT
NO.
MIN
MAX
MIN
MAX
UNIT
IC1
tc(SCL)
Cycle time, SCL
10
2.5
µs
IC2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low for a repeated START
condition
4.7
0.6
µs
IC3
th(SCLL-SDAL)
Hold time, SCL low after SDA low for a START and a repeated
START condition
4
0.6
µs
IC4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
IC5
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
IC6
tsu(SDA-SCLH)
Setup time, SDA valid before SCL high
250
100†
ns
IC7
th(SDA-SCLL)
Hold time, SDA valid after SCL low
0‡
0‡
0.9§
µs
IC8
tw(SDAH)
Pulse duration, SDA high between STOP and START conditions
4.7
1.3
µs
IC9
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb¶
300
ns
IC10
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb¶
300
ns
IC11
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb¶
300
ns
IC12
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb¶
300
ns
IC13
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for STOP condition)
4.0
0.6
µs
IC14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
ns
IC15
Cb¶
Capacitive load for each bus line
400
400
pF
† A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH) ≥ 250 ns must then be met.
This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch the LOW period
of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH) = 1000 + 250 = 1250 ns (according to the Standard-mode
I2C-Bus Specification) before the SCL line is released.
‡ A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the undefined
region of the falling edge of SCL.
§ The maximum th(SDA-SCLL) has only to be met if the device does not stretch the LOW period [tw(SCLL)] of the SCL signal.
Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
IC10
IC8
IC4
IC3
IC7
IC12
IC5
IC6
IC14
IC2
IC3
IC13
Stop
Start
Repeated
Start
Stop
SDA
SCL
IC1
IC11
IC9
Figure 5−35. I2C Receive Timings
I2C Bus is a trademark of Koninklijke Philips Electronics N.V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com