Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 115 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 115 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 111Page - Texas Instruments TMS320VC5509 Datasheet HTML 112Page - Texas Instruments TMS320VC5509 Datasheet HTML 113Page - Texas Instruments TMS320VC5509 Datasheet HTML 114Page - Texas Instruments TMS320VC5509 Datasheet HTML 115Page - Texas Instruments TMS320VC5509 Datasheet HTML 116Page - Texas Instruments TMS320VC5509 Datasheet HTML 117Page - Texas Instruments TMS320VC5509 Datasheet HTML 118Page - Texas Instruments TMS320VC5509 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 122 page
background image
Electrical Specifications
115
April 2001 − Revised September 2004
SPRS163G
5.17 MultiMedia Card (MMC) Timings
Table 5−41 and Table 5−42 assume testing over recommended operating conditions (see Figure 5−37).
Table 5−41. MultiMedia Card (MMC) Timing Requirements
NO.
MIN
MAX
UNIT
MMC7
tsu(DV-CLKH)
Setup time, data valid before clock high
9
ns
MMC8
th(CLKH-DV)
Hold time, data valid after clock high
0
ns
Table 5−42. MultiMedia Card (MMC) Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
MMC1
f(PP)
Clock frequency data transfer mode (PP) (CL = 100 pF)
17.2†
MHz
MMC2
f(OD)
Clock frequency identification mode (OD) (CL = 250 pF)
400
kHz
MMC3
tw(CLKL)
Clock low time (CL = 100 pF)
10
ns
MMC4
tw(CLKH)
Clock high time (CL = 100 pF)
10
ns
MMC5
tr(CLK)
Clock rise time
5
ns
MMC6
tf(CLK)
Clock fall time
5
ns
MMC9
td(CLKL-DV)
Delay time, MMC.CLK low to data valid
−4
1
ns
† Maximum clock frequency specified in MMC Specification version 3.2 is 20 MHz. The 5509 can support clock frequency as high as 17.2 MHz.
MMC6
MMC5
MMC1
MMC4
MMC8
MMC7
MMC9
MMC.CLK
MMC.CMD
MMC.DATx
MMC.CMD
MMC.DATx
MMC3
Figure 5−37. MultiMedia Card (MMC) Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com