Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 116 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 116 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 112Page - Texas Instruments TMS320VC5509 Datasheet HTML 113Page - Texas Instruments TMS320VC5509 Datasheet HTML 114Page - Texas Instruments TMS320VC5509 Datasheet HTML 115Page - Texas Instruments TMS320VC5509 Datasheet HTML 116Page - Texas Instruments TMS320VC5509 Datasheet HTML 117Page - Texas Instruments TMS320VC5509 Datasheet HTML 118Page - Texas Instruments TMS320VC5509 Datasheet HTML 119Page - Texas Instruments TMS320VC5509 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
Electrical Specifications
116
April 2001 − Revised September 2004
SPRS163G
5.18 Secure Digital (SD) Card Timings
Table 5−43 and Table 5−44 assume testing over recommended operating conditions (see Figure 5−38).
Table 5−43. Secure Digital (SD) Card Timing Requirements
NO.
MIN
MAX
UNIT
SD7
tsu(DV-CLKH)
Setup time, data valid before clock high
9
ns
SD8
th(CLKH-DV)
Hold time, data valid after clock high
0
ns
Table 5−44. Secure Digital (SD) Card Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
SD1
f(PP)
Clock frequency data transfer mode (PP) (CL = 100 pF)
21†
MHz
SD2
f(OD)
Clock frequency identification mode (OD) (CL = 250 pF)
400
kHz
SD3
tw(CLKL)
Clock low time (CL = 100 pF)
10
ns
SD4
tw(CLKH)
Clock high time (CL = 100 pF)
10
ns
SD5
tr(CLK)
Clock rise time
5
ns
SD6
tf(CLK)
Clock fall time
5
ns
SD9
td(CLKL-DV)
Delay time, SD.CLK low to data valid
−4
1
ns
† Maximum clock frequency specified in the SD Specification is 25 MHz. The 5509 can support clock frequency as high as 21.0 MHz.
SD6
SD5
SD1
SD4
SD8
SD7
SD9
SD.CLK
SD.CMD
SD.DATx
SD.CMD
SD.DATx
SD3
Figure 5−38. Secure Digital (SD) Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com