Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 14Page - Texas Instruments LP5523 Datasheet HTML 15Page - Texas Instruments LP5523 Datasheet HTML 16Page - Texas Instruments LP5523 Datasheet HTML 17Page - Texas Instruments LP5523 Datasheet HTML 18Page - Texas Instruments LP5523 Datasheet HTML 19Page - Texas Instruments LP5523 Datasheet HTML 20Page - Texas Instruments LP5523 Datasheet HTML 21Page - Texas Instruments LP5523 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
Control Register Read Cycle
•
Master device generates a start condition.
•
Master device sends slave address (7 bits) and the data direction bit (r/w = 0).
•
Slave device sends acknowledge signal if the slave address is correct
•
Master sends control register address (8 bits).
•
Slave sends acknowledge signal.
•
Master device generates repeated start condition.
•
Master sends the slave address (7 bits) and the data direction bit (r/w = 1).
•
Slave sends acknowledge signal if the slave address is correct.
•
Slave sends data byte from addressed register.
•
If the master device sends an acknowledge signal, the control register address will be incremented by one.
Slave device sends data byte from addressed register.
•
Read cycle ends when the master does not generate acknowledge signal after data byte and generates stop
condition
Auto-Increment Feature
The auto-increment feature allows writing several consecutive registers within one transmission. Every time an 8-
bit word is sent to the LP5523, the internal address index counter will be incremented by one, and the next
register will be written. Example below (Table 2) shows writing sequence to two consecutive registers. Auto-
increment feature is enabled by writing EN_AUTO_INCR bit high in the MISC register (addr 36h). Note: serial
bus address auto increment is not supported for register addresses from 16 to 1E.
Table 2. Auto Increment Example.
CHIP
REG
MASTER
START
ADDR
WRITE
DATA
DATA
STOP
ADDR
=32H
LP5523
ACK
ACK
ACK
ACK
Register Set
The LP5523 is controlled by a set of registers through the two-wire serial interface port. Some register bits are
reserved for future use. Table 3 below lists device registers, their addresses and their abbreviations. A more
detailed description is given in Control Register Details.
Table 3. Control Register Map
Hex
Read/
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
Write
After Reset
CHIP_EN
[6]
R/W
x0xxxxxx
0 = LP5523 not enabled
1 = LP5523 enabled
ENGINE1_EXEC
[5:4]
R/W
xx00xxxx
ENABLE / ENGINE
Engine 1 program execution control
00
CNTRL1
ENGINE2_EXEC
[3:2]
R/W
xxxx00xx
Engine 2 program execution control
ENGINE3_EXEC
[1:0]
R/W
xxxxxx00
Engine 3 program execution control
ENGINE1_MODE
[5:4]
R/W
xx00xxxx
ENGINE 1 mode control
ENGINE2_MODE
01
ENGINE CNTRL2
[3:2]
R/W
xxxx00xx
ENGINE 2 mode control
ENGINE3_MODE
[1:0]
R/W
xxxxxx00
ENGINE 3 mode control
OUTPUT
D9_RATIO_EN
02
DIRECT/RATIOMETRIC
[0]
R/W
xxxxxxx0
Enables ratiometric dimming for D9 output.
MSB
18
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com