Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 16Page - Texas Instruments LP5523 Datasheet HTML 17Page - Texas Instruments LP5523 Datasheet HTML 18Page - Texas Instruments LP5523 Datasheet HTML 19Page - Texas Instruments LP5523 Datasheet HTML 20Page - Texas Instruments LP5523 Datasheet HTML 21Page - Texas Instruments LP5523 Datasheet HTML 22Page - Texas Instruments LP5523 Datasheet HTML 23Page - Texas Instruments LP5523 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
Table 3. Control Register Map (continued)
Hex
Read/
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Address
Write
After Reset
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D5 ouput
LOG_EN
[5]
R/W
xx0xxxxx
0A
D5 CONTROL
Logarithmic dimming control for D5 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D5
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D6 output
LOG_EN
[5]
R/W
xx0xxxxx
0B
D6 CONTROL
Logarithmic dimming control for D6 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D6 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D7 output
LOG_EN
[5]
R/W
xx0xxxxx
0C
D7 CONTROL
Logarithmic dimming control for D7 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D7 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D8 output
LOG_EN
[5]
R/W
xx0xxxxx
0D
D8 CONTROL
Logarithmic dimming control for D8 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D8 output
[7:6]
R/W
00xxxxxx
MAPPING Mapping for D9 output
LOG_EN
[5]
R/W
xx0xxxxx
0E
D9 CONTROL
Logarithmic dimming control for D9 output
TEMP COMP
[4:0]
R/W
xxx00000
Temperature compensation control for D9 output
0F TO 15
RESERVED
[7:0]
RESERVED FOR FUTURE USE
PWM
16
D1 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D1
PWM
17
D2 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D2
PWM
18
D3 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D3
PWM
19
D4 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D4
PWM
1A
D5 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D5
PWM
1B
D6 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D6
PWM
1C
D7 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D7
PWM
1D
D8 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D8
PWM
1E
D9 PWM
[7:0]
R/W
00000000
PWM duty cycle control for D9
1F TO 25
RESERVED
[7:0]
RESERVED FOR FUTURE USE
CURRENT
26
D1 CURRENT CONTROL
[7:0]
R/W
10101111
D1 output current control register. Default 17.5 mA
(typ.)
CURRENT
27
D2 CURRENT CONTROL
[7:0]
R/W
10101111
D2 output current control register. Default 17.5 mA
(typ.)
CURRENT
28
D3 CURRENT CONTROL
[7:0]
R/W
10101111
D3 output current control register. Default 17.5 mA
(typ.)
20
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com