Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 36Page - Texas Instruments LP5523 Datasheet HTML 37Page - Texas Instruments LP5523 Datasheet HTML 38Page - Texas Instruments LP5523 Datasheet HTML 39Page - Texas Instruments LP5523 Datasheet HTML 40Page - Texas Instruments LP5523 Datasheet HTML 41Page - Texas Instruments LP5523 Datasheet HTML 42Page - Texas Instruments LP5523 Datasheet HTML 43Page - Texas Instruments LP5523 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
Set_PWM
This instruction is used for setting the PWM value on the outputs D1 to D9 without any ramps. Set PWM output
value from 0 to 255 with PWM value bits [7:0]. Instruction execution takes sixteen 32 kHz clock cycles (=488 µs).
Name
Value (d)
Description
PWM value(1)
0 - 255
PWM output duty cycle 0 - 100%
0 = local variable A
1 = local variable B
variable (2)
0 - 3
2 = global variable C
3 = register address 3CH variable D value, or register address 42H value.
(1)
Valid for numerical operands.
(2)
Valid for variables.
Wait
When a wait instruction is executed, the engine is set in wait status, and the PWM values on the outputs are
frozen.
Name
Value (d)
Description
0
Divide master clock (32.7 kHz) by 16 which means 0.488 ms cycle time.
prescale
1
Divide master clock (32 768 Hz) by 512 which means 15.625 ms cycle time.
time
1 - 31
Total wait time will be = (time) x (prescale). Maximum 484 ms, minimum 0.488 ms.
LED Mapping Instructions
These instructions define the engine-to-LED mapping. The mapping information is stored in a table, which is
stored in the SRAM (program memory of the LP5523). LP5523 has three program execution engines which can
be mapped to 9 LED drivers or to one GPO pin. One engine can control one or multiple LED drivers. There are
totally eleven instructions for the engine-to-LED-driver control: mux_ld_start, mux_map_start, mux_ld_end,
mux_sel,
mux_clr,
mux_map_next,
mux_map_prev,
mux_ld_next,
mux_ld_prev,
mux_ld_addr
and
mux_map_addr.
MUX_LD_START; MUX_LD_END
Mux_ld_start and mux_ld_end define the mapping table location in the memory.
Name
Value (d)
Description
SRAM address
0-95
Mapping table start/end address
MUX_MAP_START
Mux_map_start defines the mapping table start address in the memory, and the first row of the table will be
activated (mapped) at the same time.
Name
Value (d)
Description
SRAM address
0-95
Mapping table start address
MUX_SEL
With mux_sel instruction one, and only one, LED driver (or the GPO-pin) can be connected to a program
execution engine. Connecting multiple LEDs to one engine is done with the mapping table. After the mapping
has been released from an LED, PWM register value will still control the LED brightness. If the mapping is
released from the GPO pin, serial bus control takes over the GPO state.
40
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com