Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 4 Page - Texas Instruments

  LP5523 Datasheet HTML 1Page - Texas Instruments LP5523 Datasheet HTML 2Page - Texas Instruments LP5523 Datasheet HTML 3Page - Texas Instruments LP5523 Datasheet HTML 4Page - Texas Instruments LP5523 Datasheet HTML 5Page - Texas Instruments LP5523 Datasheet HTML 6Page - Texas Instruments LP5523 Datasheet HTML 7Page - Texas Instruments LP5523 Datasheet HTML 8Page - Texas Instruments LP5523 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
LP5523
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
www.ti.com
Thermal Properties
Junction-to-Ambient Thermal Resistance (
θJA),
87°C/W
YFQ0025LLA Package (1)
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design.
Electrical Characteristics
(1) (2) (3)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the operating ambient temperature range
(
−30°C < TA < +85°C). Unless otherwise noted, specifications apply to the LP5523 Block Diagram with: VDD = 3.6V, VEN =
1.65V, COUT = 1.0 µF, CIN = 1.0 µF, C1–2 = 0.47 µF.
(4)
Symbol
Parameter
Condition
Min
Typ
Max
Units
VEN = 0V, CHIP_EN=0 (bit),
external 32 kHz clock running or
0.2
1
µA
not running
Standby supply current
CHIP_EN=0 (bit), external 32
1.0
1.7
µA
kHz clock not running
CHIP_EN=0 (bit), external 32
1.4
2.3
µA
kHz clock running
External 32 kHz clock running,
charge pump and current source
0.6
0.75
mA
IVDD
outputs disabled
Charge pump in 1x mode, no
Normal Mode Supply Current
load, current source outputs
0.8
0.95
mA
disabled
Charge pump in 1.5x mode, no
load, current source outputs
1.8
mA
disabled
External 32 kHz clock running
10
15
µA
Power Save Mode Supply
Current
Internal oscillator running
0.6
0.75
mA
Internal Oscillator Frequency
−4
+4
fOSC
%
Accuracy
−7
+7
(1)
The Electrical characteristics tables list ensured specifications under the listed Recommended Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Min and Max limits are ensured by design, test, or statistical analysis.
(4)
Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Charge Pump Electrical Characteristics
(1) (2) (3)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Gain = 1.5x
3.5
ROUT
Charge Pump Output Resistance
Ω
Gain = 1x
1
fSW
Switching Frequency
1.25
MHz
Gain = 1.5x
1.2
IGND
Ground Current
mA
Gain = 1x
0.3
tON
VOUT Turn-On Time
(4)
VDD = 3.6V, IOUT = 60 mA
100
µs
(1)
The Electrical characteristics tables list ensured specifications under the listed Recommended Conditions except as otherwise modified
or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and are not ensured.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
Min and Max limits are ensured by design, test, or statistical analysis.
(4)
Turn-on time is measured from the moment the charge pump is activated until the VOUT crosses 90% of its target value.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com