Electronic Components Datasheet Search
  English  ▼

X  

LP5523 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP5523
Description  LP5523 Programmable 9-Output LED Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5523 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP5523 Datasheet HTML 27Page - Texas Instruments LP5523 Datasheet HTML 28Page - Texas Instruments LP5523 Datasheet HTML 29Page - Texas Instruments LP5523 Datasheet HTML 30Page - Texas Instruments LP5523 Datasheet HTML 31Page - Texas Instruments LP5523 Datasheet HTML 32Page - Texas Instruments LP5523 Datasheet HTML 33Page - Texas Instruments LP5523 Datasheet HTML 34Page - Texas Instruments LP5523 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
LP5523
www.ti.com
SNVS550D – SEPTEMBER 2009 – REVISED MAY 2013
3A STATUS/INTERRUPT
•
3A — Bit [7] LEDTEST_MEAS_DONE
–
This bit indicates when the LED test is done, and the result is written to the LED TEST ADC register.
Typically the conversion takes 2.7 milliseconds to complete.
–
1 = LED test done.
–
0 = LED test not done.
–
This bit is a read-only bit, and it is cleared (to “0”) automatically after a read operation.
•
3A — Bit [6] MASK_BUSY
–
Mask bit for interrupts generated by STARTUP_BUSY or ENGINE_BUSY.
–
1 = Interrupt events will be masked i.e. no external interrupt will be generated from STARTUP_BUSY or
ENGINE_BUSY event (default).
–
0 = External interrupt will be generated when STARTUP_BUSY or ENGINE_BUSY condition is no longer
true. Reading the register 3A clears the status bits [5:4] and releases INT pin to high state.
•
3A — Bit [5] STARTUP_BUSY
–
A status bit which indicates that the device is running the internal startup sequence. See Modes of
Operation for details.
–
1 = internal startup sequence running. Note: STARTUP_BUSY = 1 always when CHIP_EN bit is "0".
–
0 = internal startup sequence completed.
•
3A — Bit [4] ENGINE_BUSY
–
A status bit which indicates that a program execution engine is clearing internal registers. Serial bus
master should not write or read program memory, or registers 00H, 37H to 39H or 4CH to 4EH, when this
bit is set to "1".
–
1 = at least one of the engines is clearing internal registers.
–
0 = engine ready.
•
3A — Bit [3] EXT_CLK_USED
–
1 = external clock detected.
–
0 = external clock not detected.
–
This bit is high when external clock signal on CLK pin is detected. CLK_DET_EN bit high in address 36
enables the clock detection.
•
3A — Bits [2:0] ENG1_INT, ENG2_INT, ENG3_INT
–
1 = interrupt set.
–
0 = interrupt unset/cleared.
–
Interrupt bits for program execution engine 1, 2 and 3, respectively. These bits are set by END or INT
instruction. Reading the interrupt bit clears the interrupt.
3B GPO
•
The LP5523 has one General Purpose Output pin (GPO). Status of the pin can be controlled with this
register. Also, INT pin can be configured to function as a GPO by setting the bit INT_CONF. When INT is
configured to function as a GPO, output level is defined by the VDD voltage.
•
3B — Bit [2] INT_CONF
–
0 = INT pin is set to function as an interrupt pin (default).
–
1 = INT pin is configured to function as a GPO.
•
3B — Bit [1] GPO
–
0 = GPO pin state is low.
–
1 = GPO pin state is high.
–
GPO pin is a digital CMOS output, and no pulldown resistor is needed.
•
3B — Bit [0] INT_GPO
–
0 = INT pin state is low (if INT_CONF = 1).
–
1 = INT pin state is high (if INT_CONF = 1).
–
When INT pin’s GPO function is disabled, it operates as an open drain pin. INT signal is active low; i.e.,
when interrupt signal is sent, the pin is pulled to GND. External pullup resistor is needed for proper
functionality.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LP5523



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com